Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 23Page - Analog Devices AD7293BCPZ Datasheet HTML 24Page - Analog Devices AD7293BCPZ Datasheet HTML 25Page - Analog Devices AD7293BCPZ Datasheet HTML 26Page - Analog Devices AD7293BCPZ Datasheet HTML 27Page - Analog Devices AD7293BCPZ Datasheet HTML 28Page - Analog Devices AD7293BCPZ Datasheet HTML 29Page - Analog Devices AD7293BCPZ Datasheet HTML 30Page - Analog Devices AD7293BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 27 of 79
The bipolar DACs power-on reset and clamp value is dependent
on the VCLAMP0 and VCLAMP1 voltage level. After a power-on reset
or when the digital SLEEP0 or SLEEP1 pin is configured to trigger
a clamp, the bipolar DAC outputs reset to the clamp value (see
Table 18).
After a power-on reset or when the digital SLEEP0 or SLEEP1
pin is configured to trigger clamping, the unipolar DAC outputs
default to 0 V.
Software Clamping: Internal ALERT0 Routing
There is an option to allow the ALERT0 alert to trigger the
clamp function. The DACs power back up when the alert is
cleared without an additional write to the DAC enable registers.
Bit D1 of the general register in the configuration page allows
ALERT0 control over the clamping function of the four bipolar
DACs.
PMOS Drain Switch Control
The AD7293 PA_ON output pin is capable of driving an
external PMOS switch. This external PMOS turns on or off the
drain current to a PA field effect transistor (FET). The PA_ON
output pin controls the device during power-up and power-down.
This feature can also be used as a protection feature when an
alert condition is detected because ALERT0 alerts or an AVSS or
AVDD supply failure can be used to trigger the PA_ON pin.
PAVDD determines the maximum voltage at the output of the
PA_ON pin. The off state is equal to PAVDD while the on state is
equal to AGND. The default state of the PA_ON signal is off.
PAVDD
PA_ON
PMOS
CONTROL
RSENSE
V p-p
PMOS
DRAIN
SWITCH
RSx+
RSx–
CURRENT
SENSOR
PA FET
FILTER
RF IN
RF OUT
Figure 45. PMOS Drain Switch Control
REFERENCE
The AD7293 has one high performance, 2.5 V on-chip reference
accessed via the VREFOUT pin. Noise performance can be improved
by the addition of a 10 nF capacitor between the VREFOUT pin and
the AGND pin. Connect VREFOUT to the VREFIN pin to use the
on-chip reference of the AD7293. An internal amplifier attenu-
ates to the ADC core, making the voltage at the ADC, REFADC =
1.25 V, half of VREFIN = 2.5 V. Use the REFADC pin for measurement
purposes only.
A 220 nF capacitor is required on the REFADC pin and must be
placed as close to the AD7293 as possible with no vias. The
internal reference typically requires 20 ms to power up and settle
when using a 220 nF decoupling capacitor on the REFADC pin.
Buffer the internal reference before it is used by external circuitry.
The AD7293 can also operate with an external reference of
2.5 V connected to the VREFIN pin.
If using an external reference, select a low temperature coefficient
specification, such as the ADR4525, to reduce the temperature
dependence of the system output voltage on ambient conditions.
VDRIVE FEATURE
The AD7293 also has a VDRIVE feature that controls the voltage at
which the SPI operates. Connect the VDRIVE pin to the supply to
which the SPI bus is pulled. The VDRIVE pin sets the input and
output threshold levels for the digital logic pins. The VDRIVE
feature allows the AD7293 to interface with 1.8 V, 3.3 V, and 5 V
processors.
OPEN-LOOP MODE
In open-loop mode, the default mode of operation, the current
sense amplifiers and bipolar DACs operate independently.
CLOSED-LOOP MODE
Alternatively, the AD7293 current sensors and bipolar DACs
can operate as four independent closed-loop drain current
controllers (closed-loop mode).
In closed-loop operation, the drain current through the PA FET
is set and automatically maintained by the PA controller through a
regulation circuit that includes the DAC and current sense moni-
tor. The control loop sets the PA bias current and continuously
maintains a constant voltage across the sense resistor (VSENSE =
ISENSE × RSENSE). When the DAC current updates, the closed-loop
adjusts the gate voltage of the PA until the drain current matches
the corresponding DAC code. The continuous regulation of the
loop compensates for variations of the PA threshold or voltage
drop on the LPF due to the PA gate current. The integrator
leads to a smooth transition on the output of the pin.
RSx+
RSx–
LPF
Σ
BIPOLAR
DAC
(PROGRAMMABLE
RAMP TIME)
AD7293
Figure 46. Closed-Loop Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com