Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157FDK2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32MP157FDK2
Description  GNSS and inertial sensors expansion board for STM32 MPU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FDK2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32MP157FDK2 Datasheet HTML 4Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 5Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 6Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 7Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 8Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 9Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 10Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 11Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Figure 8. X-STM32MP-GNSS1 schematic diagram (7 of 9)
3V3
Pressure Sensor
I2C_S CL
I2C_S DA
U6
ILP S 22QS
AH2/QVAR2
5
VDD_IO
1
S CL/S P C
2
CS
6
AH1/QVAR1
7
GND_IO
8
GND
9
VDD
10
RES
3
S DA/S DI/S DO
4
R43
0
C20
100nF
C21
100nF
ILP S 22QS _3V3
ILP S 22QS _3V3
ILP S 22QS _3V3
Figure 9. X-STM32MP-GNSS1 schematic diagram (8 of 9)
3V3
Magnetometer
I2C_S CL
I2C_S DA
IIS 2MDC_INT_DRDY
C25
220nF
C22
100nF
C23
100nF
U7
IIS 2MDC
S CL/S P C
1
NC_1
2
CS
3
S DA/S DI/S DO
4
C1
5
GND_1
6
INT/DRDY
7
GND_2
8
VDD
9
VDD_IO
10
NC_2
11
NC_3
12
R44
0
C24
10uF
IIS 2MDC_3V3
IIS 2MDC_3V3
IIS 2MDC_3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com