Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157FDK2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32MP157FDK2
Description  GNSS and inertial sensors expansion board for STM32 MPU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FDK2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32MP157FDK2 Datasheet HTML 4Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 5Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 6Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 7Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 8Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 9Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 10Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 11Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Figure 10. X-STM32MP-GNSS1 schematic diagram (9 of 9)
S WITCH_US ER
LED_US ER
TES EO-LIV3FL_P P S
3V3
3V3
3V3
R45
75
R46
22K
D5
LED YELLOW
D3
LED GREEN
S W3
S P S T S W
D4
LED RED
R51
1K
TP 8
Q1
2S TR1160
1
R47
0
NM
R48
4.7K
C26
100nF
R49
300
R50
300
CN4
U.FL-R-S MT-1(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com