Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4N65L-TN3-R
Description  4A, 650V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  4N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4N65-TC1
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R205-572.A
ELECTRICAL CHARACTERISTICS (TJ = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID= 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
10
µA
Forward
VGS=30V, VDS=0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.0A
2.7
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
532
pF
Output Capacitance
COSS
57
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0 MHz
3.5
pF
SWITCHING CHARACTERISTICS
Total Gate Charge (Note 1)
QG
15
nC
Gateource Charge
QGS
4.9
nC
Gate-Drain Charge
QGD
VDS=520V, VGS=10V, ID=4A
IG=1mA (Note 1, 2)
3
nC
Turn-on Delay Time (Note 1)
tD(ON)
5.6
ns
Rise Time
tR
16.5
ns
Turn-off Delay Time
tD(OFF)
37
ns
Fall-Time
tF
VDS=100V, VGS=10V, ID=4A,
RG=25Ω (Note 1, 2)
26.5
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
8
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS=4A, VGS=0V
1.4
V
Reverse Recovery Time (Note 1)
trr
332
ns
Reverse Recovery Charge
Qrr
IS=4A, VGS=0V
dIF/dt=100A/µs (Note1)
1.7
µC
Notes: 1. Pulse Test : Pulse width ≤ 300µs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com