Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N65L-TN3-R
Description  4A, 650V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 4N65L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N65-TC1
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R205-572.A
4A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 4N65-TC1 is a N-channel mode power MOSFET
using UTC’s advanced technology to provide customers with
planar stripe and DMOS technology. This technology allows a
minimum on-state resistance and superior switching performance.
It also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 4N65-TC1 is generally applied in high efficiency
switch mode power supplies.
FEATURES
* RDS(ON) ≤ 2.7Ω @ VGS=10V, ID=2.0A
* High Switching Speed
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
4N65L-TM3-T
4N65G-TM3-T
TO-251
G
D
S
Tube
4N65L-TN3-R
4N65G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - 4N65L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65L-TN3-R UTC-4N65L-TN3-R Datasheet
390Kb / 8P
4 Amps, 650 Volts N-CHANNEL POWER MOSFET
4N65L-TN3-R UTC-4N65L-TN3-R Datasheet
368Kb / 9P
N-CHANNEL ENHANCEMENT MODE MOSFET
4N65L-TN3-R UTC-4N65L-TN3-R Datasheet
253Kb / 7P
N-CHANNEL POWER MOSFET
4N65L-TN3-R UTC-4N65L-TN3-R Datasheet
246Kb / 7P
N-CHANNEL POWER MOSFET
4N65L-TN3-R UTC-4N65L-TN3-R Datasheet
374Kb / 9P
N-CHANNEL POWER MOSFET
More results

Similar Description - 4N65L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65K UTC-4N65K Datasheet
334Kb / 8P
4A, 650V N-CHANNEL POWER MOSFET
4N65Z UTC-4N65Z Datasheet
339Kb / 8P
4A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND65CI TSC-TSM4ND65CI Datasheet
321Kb / 6P
N-Channel Power MOSFET 650V, 4A, 2.6廓
logo
Jiangsu Donghai Semicon...
B4NE65 WXDH-B4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
BSJ4N65 WXDH-BSJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
D4NE65 WXDH-D4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
E4NE65 WXDH-E4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
ESJ4N65 WXDH-ESJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
SJ4N65 WXDH-SJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
logo
AiT Semiconductor Inc.
AM04N65 AITSEMI-AM04N65 Datasheet
827Kb / 10P
MOSFET 650V, 4A N-CHANNEL
REV1.0 - JUN 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com