Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N70L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4N70L-TN3-R
Description  4A, 700V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N70L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  4N70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4N70-TC4
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R205-549..A
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage
VGSS
± 30
V
Continuous
ID
4
A
Drain Current
Pulsed (Note 2)
IDM
8
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
10
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
3.4
V/ns
Power Dissipation
PD
50
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L = 10mH, IAS = 1.4A, VDD = 50V, RG = 25 Ω Starting TJ = 25°C
4. ISD ≤ 4A, di/dt ≤100A/μs, VDD ≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
110
°C/W
Junction to Case
θJC
2.5 (Note)
°C/W
Note: Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com