Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N70L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N70L-TN3-R
Description  4A, 700V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N70L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4N70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 4N70L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N70-TC4
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2019 Unisonic Technologies Co., Ltd
QW-R205-549.A
4A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 4N70-TC4 is a N-channel mode power MOSFET
using UTC’s advanced technology to provide customers with
planar stripe and DMOS technology. This technology allows a
minimum on-state resistance and superior switching performance.
It also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 4N70-TC4 is generally applied in high efficiency
switch mode power supplies.
FEATURES
* RDS(ON) ≤ 3.5Ω @ VGS=10V, ID=2.0A
* High Switching Speed
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
4N70L-TM3-T
4N70G-TM3-T
TO-251
G
D
S
Tube
4N70L-TN3-R
4N70G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - 4N70L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N70L-TN3-R UTC-4N70L-TN3-R Datasheet
269Kb / 7P
N-CHANNEL POWER MOSFET
4N70L-TN3-R UTC-4N70L-TN3-R Datasheet
222Kb / 6P
N-CHANNEL POWER MOSFET
4N70L-TN3-R UTC-4N70L-TN3-R Datasheet
228Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - 4N70L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
HY ELECTRONIC CORP.
HY4N70D HY-HY4N70D Datasheet
153Kb / 4P
700V / 4A N-Channel Enhancement Mode MOSFET
HY4N70T HY-HY4N70T Datasheet
174Kb / 4P
700V / 4A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
700V N-Channel Power MOSFET
logo
E-CMOS Corporation
EC744N70 E-CMOS-EC744N70 Datasheet
468Kb / 5P
700V,4A N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com