Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G158L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC2G158L-S08-R
Description  SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G158L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC2G158L-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G158L-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G158L-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G158L-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G158L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74LVC2G158
Advance
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 5
www.unisonic.com.tw
QW-R502-B97.a
TEST CIRCUIT AND WAVEFORMS (Cont.)
From Output
CL
TEST CIRCUIT
RL
VM
VM
VM
VM
VIN
0V
VOH
VOL
PROPAGATION DELAY TIMES
Input
Output
tPLH
tPHL
tPLH
tPHL
VOH
VOL
Output
VM
VM
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics:
PRR ≤10MHz, ZO = 50Ω.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein .
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.
VCC
Inputs
VM
CL
RL
VIN
tR, tF
VCC =1.65V to 1.95V
VCC
≤2ns
VCC/2
30pF
1KΩ
VCC =2.3V to 2.7V
VCC
≤2ns
VCC/2
30pF
500Ω
VCC =3.0V to 3.6V
3.0V
≤2.5ns
1.5V
50pF
500Ω
VCC =4.5V to 5.5V
VCC
≤2.5ns
VCC/2
50pF
500Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com