Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G158L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G158L-S08-R
Description  SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G158L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G158L-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G158L-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G158L-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G158L-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G158L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G158
Advance
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2020 Unisonic Technologies Co., Ltd
QW-R502-B97.a
SINGLE 2-LINE TO 1-LINE
DATA SELECTOR OR
MULTIPLEXER
DESCRIPTION
The U74LVC2G158 is a single 2-line to 1-line data selector or
multiplexer which is featured a common strobe ( G ) input. When the
strobe is high, the output Y is high and Y is low regardless of the
levels of other inputs. When the strobe is low, a single bit is selected
from one of two sources and is transferred to the output with the true
and complementary data.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operate from 1.65V to 5.5V
* Inputs accept voltages to 5.5V
* IOFF supports partial-power-down mode
* Low power dissipation
* ±24mA output drive(VCC=3.3V)
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC2G158L-S08-R
U74LVC2G158G-S08-R
SOP-8
Tape Reel
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free
U74LVC2G158G-S08-R
(1) Packing Type
(2) Package Type
(3) Green Package
MARKING
UTC
LVC2G158
1
2
3
4
5
6
7
8
Date Code
Lot Code
L: Lead Free
G: Halogen Free


Similar Part No. - U74LVC2G158L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G157 UTC-U74LVC2G157 Datasheet
171Kb / 5P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
U74LVC2G157G-S08-R UTC-U74LVC2G157G-S08-R Datasheet
171Kb / 5P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
U74LVC2G157G-S08-R UTC-U74LVC2G157G-S08-R Datasheet
171Kb / 5P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
U74LVC2G157G-S08-T UTC-U74LVC2G157G-S08-T Datasheet
171Kb / 5P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
U74LVC2G157G-S08-T UTC-U74LVC2G157G-S08-T Datasheet
171Kb / 5P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
More results

Similar Description - U74LVC2G158L-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI-SN74LVC2G157_07 Datasheet
393Kb / 12P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74LVC2G157 UTC-U74LVC2G157 Datasheet
171Kb / 5P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
logo
Texas Instruments
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
U74LVC2G157 UTC-U74LVC2G157_15 Datasheet
171Kb / 5P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
logo
Texas Instruments
SN74LVC2G157 TI1-SN74LVC2G157_15 Datasheet
916Kb / 22P
Single 2-Line to 1-Line Data Selector Multiplexer
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157_18 Datasheet
1,006Kb / 24P
Single 2-Line to 1-Line Data Selector Multiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com