Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT20N04L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT20N04L-S08-R
Description  20A, 40V N-CHANNEL ENHANCEMENT MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT20N04L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT20N04L-S08-R Datasheet HTML 1Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 2Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 3Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 4Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 5Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 6Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UTT20N04
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R209-300.A
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
20
A
Pulsed Drain Current
IDM
40
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
2.5
mJ
Power Dissipation
PD
2.8
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction-to-Ambient
θJA
62.5
°C/W
Junction to Case
θJC
44.6 (Note)
°C/W
Note: The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
40
V
Zero Gate Voltage Drain Current
IDSS
VDS=40V, VGS=0V
1
µA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.0
3.0
V
VGS=10V, ID=10A
33
mΩ
Static Drain-Source On-Resistance
RDS(ON)
VGS=4.5V, ID=10A
60
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
480
pF
Output Capacitance
COSS
92
pF
Reverse Transfer Capacitance
CRSS
VDS=20V, VGS=0V, f=1MHz
81
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
17
nC
Gate Source Charge
QGS
1.8
nC
Gate Drain Charge
QGD
VDS=20V, VGS=10V, ID=20A
IG=1mA
2.8
nC
Turn-ON Delay Time
tD(ON)
3.2
ns
Turn-ON Rise Time
tR
21
ns
Turn-OFF Delay Time
tD(OFF)
15
ns
Turn-OFF Fall-Time
tF
VGS=10V, VDS=20V, ID=20Ω,
RG=3Ω
22
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
20
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
40
A
Diode Forward Voltage
VSD
IS=20A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
IF=20A, dI/dt=100A/μs
28
ns
Body Diode Reverse Recovery Charge
Qrr
IF=20A, dI/dt=100A/μs
20
nC
Notes: 1. The data tested by pulsed, pulse width≤300µs, duty cycle≤2%.
2. The power dissipation is limited by 140°C junction temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com