Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT20N04L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT20N04L-S08-R
Description  20A, 40V N-CHANNEL ENHANCEMENT MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT20N04L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT20N04L-S08-R Datasheet HTML 1Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 2Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 3Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 4Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 5Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 6Page - Unisonic Technologies UTT20N04L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT20N04
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R209-300.A
20A, 40V N-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UTT20N04 uses UTC’s advanced trench technology to
provide excellent RDS(ON), low gate charge and operation with low
gate voltages. This device is suitable for use as a load switch or
in PWM applications.
FEATURES
* RDS(ON) ≤ 33 mΩ @ VGS=10V, ID=10A
RDS(ON) ≤ 60 mΩ @ VGS=4.5V, ID=10A
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
SOP-8
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
234
56
7
8
Packing
UTT20N04L-S08-R
UTT20N04G-S08-R
SOP-8
S
S
S
G
D
D
D
D Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UTT20N04L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT20N06 UTC-UTT20N06 Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
UTT20N06G-TA3-T UTC-UTT20N06G-TA3-T Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
UTT20N06G-TN3-R UTC-UTT20N06G-TN3-R Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
UTT20N06G-TN3-T UTC-UTT20N06G-TN3-T Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
UTT20N06G-TQ2-R UTC-UTT20N06G-TQ2-R Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
More results

Similar Description - UTT20N04L-S08-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com