Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTXS0102L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTXS0102L-S08-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UTXS0102L-S08-R Datasheet HTML 1Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 2Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 3Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 4Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UTXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 13
www.unisonic.com.tw
QW-R140-034.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCCA
-0.5 ~ 4.6
V
Supply Voltage
VCCB
-0.5 ~ 6.5
V
Input Voltage
A Port
VIN
-0.5 ~ 4.6
V
B Port
-0.5 ~ 6.5
V
Voltage Range Applied to Any
Output In the High-Impedance or
Power-Off State
A Port
VOUT
-0.5 ~ 4.6
V
B Port
-0.5 ~ 6.5
V
Voltage Range Applied to Any
Output In the High or Low State
A Port
VOUT
-0.5 ~ VCCA+0.5
V
B Port
-0.5 ~ VCCB+0.5
V
Input Clamp Current
VIN<0
IIK
-50
mA
Output Clamp Current
VOUT<0
IOK
-50
mA
Continuous Output Current
IOUT
±50
mA
Continuous Current Through VCCA, VCCB, or GND
ICC / IGND
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage (Note 3)
VCCA
1.65
3.6
V
Supply Voltage (Note 3)
VCCB
2.3
5.5
V
Input Voltage
VIN
0
VCCI
V
Output Voltage
A Port I/Os
VOUT
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V
0
3.6
V
B Port I/Os
0
5.5
V
High-Level Input Voltage
A Port I/Os
VIH
VCCA=1.65V~1.95V,
VCCB=2.3V~5.5V
VCCI-
0.2
VCCI
V
VCCA=2.3V~3.6V,
VCCB=2.3V~5.5V
VCCI-
0.4
VCCI
V
B Port I/Os
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V
VCCI-
0.4
VCCI
V
OE Input
VCCA
×0.65
5.5
V
Low-Level Input Voltage
A Port I/Os
VIL
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V
0
0.15
V
B Port I/Os
0
0.15
V
OE Input
0
VCCA
×0.35
V
Input Transition Rise or
Fall Rate
A Port I/Os
∆t/∆v
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V
10
ns/V
B Port I/Os
10
ns/V
OE Input
10
ns/V
Operating Temperature
TA
-40
+125
°C
Notes: 1. VCCI is the supply voltage associated with the input port.
2. VCCO is the supply voltage associated with the output port.
3. VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com