Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTXS0102L-S08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UTXS0102L-S08-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-S08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UTXS0102L-S08-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 10Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 11Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 12Page - Unisonic Technologies UTXS0102L-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
UTXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 13
www.unisonic.com.tw
QW-R140-034.b
SWITCHING CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Data Rate
Push-Pull
Driving
fdata
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
21
Mbps
VCCB=3.3V±0.3V
22
Mbps
VCCB=5V±0.5V
24
Mbps
Open-drain
Driving
VCCB=2.5V±0.2V
2
Mbps
VCCB=3.3V±0.3V
2
Mbps
VCCB=5V±0.5V
2
Mbps
Pulse Duration
Push-Pull
Driving
tW
VCCB=2.5V±0.2V
47
ns
VCCB=3.3V±0.3V
45
ns
VCCB=5V±0.5V
41
ns
Open-drain
Driving
VCCB=2.5V±0.2V
500
ns
VCCB=3.3V±0.3V
500
ns
VCCB=5V±0.5V
500
ns
Data Rate
Push-Pull
Driving
fdata
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
20
Mbps
VCCB=3.3V±0.3V
22
Mbps
VCCB=5V±0.5V
24
Mbps
Open-drain
Driving
VCCB=2.5V±0.2V
2
Mbps
VCCB=3.3V±0.3V
2
Mbps
VCCB=5V±0.5V
2
Mbps
Pulse Duration
Push-Pull
Driving
tW
VCCB=2.5V±0.2V
50
ns
VCCB=3.3V±0.3V
45
ns
VCCB=5V±0.5V
41
ns
Open-drain
Driving
VCCB=2.5V±0.2V
500
ns
VCCB=3.3V±0.3V
500
ns
VCCB=5V±0.5V
500
ns
Data Rate
Push-Pull
Driving
fdata
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
23
Mbps
VCCB=5V±0.5V
24
Mbps
Open-drain
Driving
VCCB=3.3V±0.3V
2
Mbps
VCCB=5V±0.5V
2
Mbps
Pulse Duration
Push-Pull
Driving
tW
VCCB=3.3V±0.3V
43
ns
VCCB=5V±0.5V
41
ns
Open-drain
Driving
VCCB=3.3V±0.3V
500
ns
VCCB=5V±0.5V
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com