Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTXS0102L-SM1-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UTXS0102L-SM1-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-SM1-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UTXS0102L-SM1-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 9Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 10Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 11Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 12Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
UTXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 13
www.unisonic.com.tw
QW-R140-034.b
SWITCHING CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Rise Time
(B Port Rise Time)
Push-Pull
Driving
trB
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
4.0
10.8
ns
VCCB=3.3V±0.3V
2.7
9.1
ns
VCCB=5V±0.5V
2.7
7.6
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
34
145
ns
VCCB=3.3V±0.3V
23
106
ns
VCCB=5V±0.5V
10
58
ns
Push-Pull
Driving
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
3.2
8.3
ns
VCCB=3.3V±0.3V
2.9
7.2
ns
VCCB=5V±0.5V
2.4
6.1
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
35
151
ns
VCCB=3.3V±0.3V
24
112
ns
VCCB=5V±0.5V
12
64
ns
Push-Pull
Driving
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
2.5
6.4
ns
VCCB=5V±0.5V
2.1
7.4
ns
Open-Drain
Driving
VCCB=3.3V±0.3V
26
116
ns
VCCB=5V±0.5V
14
72
ns
Input Fall Time
(A Port Fall Time)
Push-Pull
Driving
tfA
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
2.0
5.9
ns
VCCB=3.3V±0.3V
1.9
6.0
ns
VCCB=5V±0.5V
1.7
13.3
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
4.4
6.9
ns
VCCB=3.3V±0.3V
4.3
6.4
ns
VCCB=5V±0.5V
4.2
6.1
ns
Push-Pull
Driving
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
1.9
5.7
ns
VCCB=3.3V±0.3V
1.9
5.5
ns
VCCB=5V±0.5V
1.8
5.3
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
4.4
6.9
ns
VCCB=3.3V±0.3V
4.3
6.2
ns
VCCB=5V±0.5V
4.2
5.8
ns
Push-Pull
Driving
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
2.0
5.4
ns
VCCB=5V±0.5V
1.9
5.0
ns
Open-Drain
Driving
VCCB=3.3V±0.3V
4.3
6.1
ns
VCCB=5V±0.5V
4.2
5.7
ns
Input Fall Time
(B Port Fall Time)
Push-Pull
Driving
tfB
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
2.9
13.8
ns
VCCB=3.3V±0.3V
2.8
16.2
ns
VCCB=5V±0.5V
2.8
16.2
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
6.9
13.8
ns
VCCB=3.3V±0.3V
7.5
16.2
ns
VCCB=5V±0.5V
7.0
16.2
ns
Push-Pull
Driving
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
2.2
7.8
ns
VCCB=3.3V±0.3V
2.4
6.7
ns
VCCB=5V±0.5V
2.6
6.6
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
5.1
8.8
ns
VCCB=3.3V±0.3V
5.4
9.4
ns
VCCB=5V±0.5V
5.4
10.4
ns
Push-Pull
Driving
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
2.3
7.4
ns
VCCB=5V±0.5V
2.4
7.6
ns
Open-Drain
Driving
VCCB=3.3V±0.3V
5.0
7.6
ns
VCCB=5V±0.5V
4.8
8.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com