Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTXS0102L-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTXS0102L-SM1-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTXS0102L-SM1-R Datasheet HTML 1Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 2Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 3Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 4Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-SM1-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTXS0102
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 13
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R140-034.b
2-BIT BIDIRECTIONAL
VOLTAGE-LEVEL
TRANSLATOR FOR
OPEN-DRAIN AND PUSH-PULL
APPLICATION
DESCRIPTION
This 2-bit non-inverting translator is a bidirectional voltage-level
translator and can be used to establish digital switching
compatibility between mixed-voltage systems. It uses two separate
configurable power supply rails, with the A ports supporting
operating voltages from 1.65V to 3.6V while it tracks the VCCA
supply, and the B ports supporting operating voltages from 2.3V to
5.5V while it tracks the VCCB supply.
This allows the support of both lower and higher logic signal
levels while providing bidirectional translation capabilities between
any of the 1.8V, 2.5V, 3.3V, and 5V voltage nodes.
When the output-enable (OE) input is low, all I/Os are placed in
the high-impedance state, which significantly reduces the
power-supply quiescent current consumption.
To ensure the high-impedance state during power-up or power
-down, OE should be tied to GND through a pull-down resistor; the
minimum value of the resistor is determined by the current-sourcing
capability of the driver.
FEATURES
* 1.65V to 3.6V on A Port and 2.3V to 5.5V on B Port (VCCA ≤ VCCB)
* No Direction-Control Signal Needed
* No Power-Supply Sequencing Required – Either VCCA or VCCB
Can be Ramped First
* IOFF Supports Partial-Power-Down Mode Operation
APPLICATION
* Handset
* Smartphone
* Tablet
* Desktop PC


Similar Part No. - UTXS0102L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTXS0104 UTC-UTXS0104 Datasheet
344Kb / 13P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
More results

Similar Description - UTXS0102L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com