Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-13 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-13
Description  3 W Universal Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-13 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-13 Datasheet HTML 1Page - Power Integrations, Inc. DI-13 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/02
DI-13
Key Design Points
• Design transformer for low leakage inductance.
• Varnish transformer to practically eliminate acoustic
noise - gluing not required.
• Maximum flux density of main transformer should be no
more than 3000 gauss.
• Use primary RCD clamp that allows no more than
600 V across the TinySwitch-II DRAIN and SOURCE
pins.
• Provide adequate copper area on PCB at the connection
to the TinySwitch-II SOURCE pin, for heatsinking.
Core: EF 12.6, gapped for A
L
of 135 nH/T2
Bobbin: Hical EF 12.6, 8 pin
Primary (3-1)
Shield winding (1-2)
Secondary (8-5)
1.25 mH
700 kHz (min)
50 µH
Core Material
Bobbin
Winding Order
Primary Inductance
Primary Resonant
Leakage Inductance (all
secondary windings shorted)
Transformer Parameters
Figure 2. Efficiency vs. Input Voltage.
Table 1. Transformer Construction Information.
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power
Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
85
185
235
135
285
Input Voltage (VAC)
74%
72%
70%
68%
76%
78%
75
115 135
95
155
Input Voltage (VAC)
150
100
50
0
200
250
175 195 215 235 255 275
Figure 3. Efficiency vs. Input Voltage.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com