Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-13 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-13
Description  3 W Universal Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-13 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-13 Datasheet HTML 1Page - Power Integrations, Inc. DI-13 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
September 2002
DI-13
Design Idea DI-13
TinySwitch-II
3 W Universal Adapter
Design Highlights
• No-load consumption less than 250 mW at 230 VAC
• Compact design: 2.0” x 1.2” x 0.75”
• Minimum parts count and single sided PC board ensures
cost-effective solution
• High frequency operation allows compact EF12.6
transformer
• Enhanced ON/OFF control allows simple Zener reference
and eliminates the need for loop compensation
• Built-in circuitry practically eliminates audible noise with
standard varnished transformer
• No-load regulation achieved without pre-load resistor
• Well defined frequency jitter feature reduces EMI–simple
input
π filter meets CISPR22 Class B/EN55022B
• Self-protecting hysteretic thermal shutdown: power supply
automatically recovers when fault is removed
This 3 W single output, universal input power supply is
available as a Design Accelerator Kit (DAK-14) including
samples and documentation. With 71% minimum efficiency at
full load, compliance to CISPR22 Class B, small size, and low
parts count, the DAK-14 showcases the significant advantages
of TinySwitch-II in low power adapter applications.
Operation
The digital ON/OFF control scheme of TinySwitch-II allows
tight regulation using a low cost secondary Zener reference and
eliminates the need for loop compensation. In addition, no pre-
load is required to maintain regulation at light load, helping to
reduce measured no-load consumption to <250 mW at
265 VAC – see Figure 3. TinySwitch-II also provides auto-
restart to reduce output overload current during fault conditions.
Figure 1. TinySwitch-II 3 W Universal Adapter.
Application
3 W Adapter
TNY264
9 V
Power Output
3 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
®
PI-3074-091402
D1 & D3
1N4007
D1 & D4
1N4007
C1 & C2
4.7
µF
400 V
C3
2.2 nF
1 kV
N
L
RF1
8.2
Ω
C4
0.1
µF
85-265 VAC
9 V, 330 mA
L1
1 mH
D6
11DQ06
C9
220
µF
25 V
L2
Bead
U1
TNY264P
U2
LTV817A
VR2
BZX79-B8V2
R4
330 k
Ω
1/2 W
D5
1N4937
R2
4.7 k
Ω
1/8 W
8
3
5
C5 2200 pF Y1
TinySwitch-II
D
S
BP
EN/UV
2
1
RTN
C6
330
µF
16 V
96T
33 AWG
10T
28 AWG
10T
x2
®


Similar Part No. - DI-13

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-130 POWERINT-DI-130 Datasheet
945Kb / 2P
Passive PFC LED Lighting Supply
DI-131 POWERINT-DI-131 Datasheet
756Kb / 2P
LED Driver for Halogen Light Bulb Retrofit
DI-133 POWERINT-DI-133 Datasheet
334Kb / 2P
Non-isolated Induction Cooktop Auxiliary Supply
DI-134 POWERINT-DI-134 Datasheet
388Kb / 2P
Audio Amplifier Power Supply
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
1.2 W, Non-isolated Dual Output Supply for White Goods
More results

Similar Description - DI-13

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-34 POWERINT-DI-34 Datasheet
62Kb / 2P
5 W Universal Adapter
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
logo
Phihong USA Inc.
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
60 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480 Datasheet
135Kb / 2P
18 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
60 Watt Universal 3-Wire Input Adapter
PSC75U-560 PHIHONG-PSC75U-560 Datasheet
120Kb / 2P
75 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480_14 Datasheet
146Kb / 2P
18 Watt Universal 3-Wire Input Adapter
PSC30U-120V PHIHONG-PSC30U-120V_14 Datasheet
93Kb / 2P
30 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
60 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com