Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3606AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3606AT
Description  Multiple voltage regulator with battery detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3606AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3606AT Datasheet HTML 2Page - NXP Semiconductors TDA3606AT Datasheet HTML 3Page - NXP Semiconductors TDA3606AT Datasheet HTML 4Page - NXP Semiconductors TDA3606AT Datasheet HTML 5Page - NXP Semiconductors TDA3606AT Datasheet HTML 6Page - NXP Semiconductors TDA3606AT Datasheet HTML 7Page - NXP Semiconductors TDA3606AT Datasheet HTML 8Page - NXP Semiconductors TDA3606AT Datasheet HTML 9Page - NXP Semiconductors TDA3606AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 May 07
6
Philips Semiconductors
Product specification
Multiple voltage regulator with battery
detection
TDA3606A
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; see Fig.5; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
operating
regulator on; note 1
5.6
14.4
25
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
t
≤ 50 ms, tr ≥ 2.5 ms
−−
50
V
Iq
quiescent current
VP = 12.4 V; note 2
−
95
120
µA
VP = 14.4 V; note 2
−
100
−µA
load dump; VP =50V
−
520
mA
Schmitt-trigger for regulator and reset 1
Vthr
rising supply voltage threshold
6.2
7.5
8.2
V
Vthf
falling voltage of regulator
threshold
IREG = 5 mA
2.1
2.4
2.7
V
IREG =30mA
−
2.25
−
V
Vhys
hysteresis
−
5.1
−
V
Schmitt-trigger for battery detection
Vthr
rising voltage threshold
1.9
2.05
2.2
V
Vthf
falling voltage threshold
1.8
1.95
2.1
V
Vhys
hysteresis
−
0.1
−
V
Schmitt-trigger for reset 2
Vthr
rising voltage of regulator
note 3
4.25
4.45
4.65
V
Vthf
falling voltage of regulator
note 3
4.15
4.35
4.55
V
Vhys
hysteresis
−
0.1
−
V
Reset 1 and reset 2 buffers
Isink
LOW-level sink current
VRES ≤ 0.8 V; note 3
2
−−
mA
Rpu
internal pull-up resistor
3.7
4.7
5.7
k
Ω
Reset delay
Io
output current
−
0.75
−µA
Vthr
rising voltage threshold
1.4
2.0
2.8
V
td
delay time
Cd = 47 nF; note 4
40
125
−
ms
Battery buffer
VOL
LOW-level output voltage
II = 0 mA
0
0.05
0.8
V
VOH
HIGH-level output voltage
Io =5 µA; note 5
−
5.0
5.2
V
IOL
LOW-level output current
VOL ≤ 0.8 V
0.2
0.5
−
mA
IOH
HIGH-level output current
VOH ≥ 3 V
0.3
1.0
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com