Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3606AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3606AT
Description  Multiple voltage regulator with battery detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3606AT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3606AT Datasheet HTML 1Page - NXP Semiconductors TDA3606AT Datasheet HTML 2Page - NXP Semiconductors TDA3606AT Datasheet HTML 3Page - NXP Semiconductors TDA3606AT Datasheet HTML 4Page - NXP Semiconductors TDA3606AT Datasheet HTML 5Page - NXP Semiconductors TDA3606AT Datasheet HTML 6Page - NXP Semiconductors TDA3606AT Datasheet HTML 7Page - NXP Semiconductors TDA3606AT Datasheet HTML 8Page - NXP Semiconductors TDA3606AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 May 07
3
Philips Semiconductors
Product specification
Multiple voltage regulator with battery
detection
TDA3606A
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGK597
REGULATOR
LOAD DUMP
PROTECTION
REFERENCE
7
&
GND
1 to 3, 8 to 13, 18 to 20
n.c.
TDA3606A
REG
REG
RES2
RES1
(14.4 V)
(5 V/150 mA)
14
16
BATTERY
BUFFER
VO(bat)
VI(bat)
VC
VP
15
5
4
6
17
4.7
k
Ω
4.7
k
Ω
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1 to 3
not connected; heat spreader
VI(bat)
4
battery input voltage
VO(bat)
5
battery detection output voltage
VC
6
reset delay capacitor
GND
7
ground (0 V)
n.c.
8 to 13
not connected; heat spreader
RES2
14
reset 2 output
RES1
15
reset 1 output
REG
16
regulator output
VP
17
supply voltage
n.c.
18 to 20
not connected; heat spreader
Fig.2 Pin configuration.
handbook, halfpage
n.c.
n.c.
n.c.
VI(bat)
VO(bat)
VC
GND
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
VP
RES1
RES2
REG
n.c.
n.c.
n.c.
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA3606AT
MGK600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com