Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-25 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-25
Description  30 W DC-DC Converter with Synchronous Rectification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-25 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-25 Datasheet HTML 1Page - Power Integrations, Inc. DI-25 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
D
12/04
DI-25
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch and EcoSmart are registered trademarks of Power Integrations. PI Expert and
PI FACTS
are trademarks of Power Integrations. Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit described
herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND SPECIFICALLY
DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE,
AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations.
A complete list of Power Integrations' patents may be found at www.powerint.com.
For the latest updates, visit www.powerint.com
• At zero load, maximum input voltage, the bias voltage
across C4 should be
≥8 V (12 V to 15 V under nominal
conditions).
• Good layout practices should be followed:
- Locate C5, C6 and R4 close to U1 with grounds returned
to the SOURCE pin.
- Primary return should be connected to the DPA-Switch
tab, not the SOURCE pin.
- Minimize the primary and secondary loop areas to
reduce parasitic leakage inductance.
• Consult AN-31 for additional design tips and information.
• Choose C17 to provide adequate gate charge to Q2 at low
line (typically 5 V) and to limit Q2 gate to a safe voltage at
high line (typically less than 20 V).
Core
Bobbin
Winding Detail
Winding Order
(pin numbers)
Inductance
Primary Resonant
Frequency
TRANSFORMER PARAMETERS
EFD20 Ungapped
Ferroxcube EFD20-3F3
EFD20 10 pin
(B&B B-052 or equivalent)
Primary: 8T + 8T, 25 AWG
Secondary: 4T, 0.002" Cu Foil
Primary (5-3), tape,
Secondary (6,7-9,10), tape,
Primary (3-1), tape
Primary: 307 µH ±25%, Leakage: 1 µH (max.)
3 MHz (minimum)
Core
Winding Details
Bobbin
Winding Order
(pin numbers)
Inductance
OUTPUT INDUCTOR PARAMETERS
RM6ILP
Ferroxcube 3F3 material
Gap for A
LG of 278 nH/T
2
Main: 6T, 4x26 AWG
Bias: 15T, 32 AWG
RM6ILP 8 pin
(EPCOS B-65821-A6008-T1 or equivalent)
Bias (1-2), tape,
Main Winding (7,8-5,6), tape
8 µH ±10%
Table 2. Output Inductor Construction Information.
Table 1. Transformer Construction Information.
010
15
20
25
530
Output Power (W)
70
60
50
80
90
100
V
IN = 36 VDC
V
IN = 48 VDC
V
IN = 72 VDC
Figure 2. DPA-Switch 30 W, 5 V Synchronous
Rectifier Efficiency vs. Output Power.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com