Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-25 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-25
Description  30 W DC-DC Converter with Synchronous Rectification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-25 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-25 Datasheet HTML 1Page - Power Integrations, Inc. DI-25 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-25
DPA-Switch 30 W DC-DC Converter
with Synchronous Rectification
December 2004
DI-25
®
Application
DC-DC Converter
DPA425R
5 V
Power Output
30 W
Input Voltage
Output Voltage
Topology
Device
36-75 VDC
Forward
Figure 1. DPA-Switch 30 W, 5 V, 6 A DC-DC Converter.
Design Highlights
• Extremely low component count
• High Efficiency – 90% using synchronous rectification
• Accurate UV/OV allows self-driven synchronous
rectification
• No current sense resistor or current transformer required
• Output overload, open loop and thermal protection
• 300 kHz switching frequency – optimizes efficiency when
simple self-driven synchronous rectification is used
Operation
DPA-Switch greatly simplifies the deisign compared to a discrete
implementation. Resistor R1 programs the input under/over
voltages to 33 V and 86 V, respectively, and linearly reduces the
maximumdutycyclewithinputvoltagetopreventcoresaturation
during load transients. Tight tolerances of the UV/OV thresholds
determine the secondary MOSFETs gate voltage range, allowing
low cost, self-driven synchronous rectification. Resistor R3
programs the internal current limit of the DPA425R to 45% of
nominal. The larger DPA-Switch selection reduces conduction
losses, raising efficiency without design or overload penalty.
DRAIN voltage clamping and core reset is provided by VR1
and the gate capacitance of Q1. The bias supply for U1 is
generated from an auxiliary winding on L2, providing higher
efficiency than a winding on T1.
Capacitor C17 and R15 drive the gate of Q2, C17 providing DC
isolation to prevent Q1 gate overstress during power down.
Diode D4 resets the voltage on C17 before the next switching
cycle. Resistor R17 filters voltage spikes at the gate of Q1 and
D2 prevents the body diode of Q1 from conducting. MOSFETs
Q1 and Q2 are connected as self-driven synchronous rectifiers.
Key Design Points
• For nominal undervoltage set point V
UV:
R1 = (V
UV-2.35 V)/50 µA. VOV = (R1×135 µA) + 2.5 V.
• Select time constant of R16 and C17 to be much longer than
the period of one switching cycle.
• Zener VR1 safely limits the DRAIN voltage below BV
DSS
and guarantees transformer reset.
• Opto U2 should have a CTR range of 100% to 200% for
optimum loop stability.
U1
DPA425R
D1
BAV
19WS
D2
C5
220 nF
VR1
SMBJ
150
C6
68 µF
10 V
C7
1 nF
1.5 kV
R14
10 Ω
T1
R3
18.2 kΩ
1%
R1
619 kΩ
1%
R4
1.0 Ω
C10
100 µF
10 V
C11
100 µF
10 V
C12
1 µF
10 V
36-75 VDC
L1
1 µH
2.5 A
L2
C1, C2 & C3
1 µF
100 V
DL
SX
F
C
CONTROL
CONTROL
U2
PC357N1T
PI 3472 040903
DPA-Switch
5 V, 6 A
RTN
Q2
Si4888
DY
R15
10 Ω
R16
10 kΩ
D4
BAV19WS
R17
10 Ω
Q1
Si4888
DY
C4
4.7 µF
20 V
U2
D3
BAV19WS
U3
LM431AIM3
R9
220 Ω
R11
10.0 kΩ
1%
R10
10.0 kΩ
1%
R12
5.1 Ω
R7
10 kΩ
C14
1 µF
C13
10 µF
10 V
C16
100 nF
R6
150 Ω
V
IN
+
V
IN
C17
3300 pF


Similar Part No. - DI-25

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-22 POWERINT-DI-22 Datasheet
44Kb / 2P
70 W, 19 V External Laptop Adapter
DI-23 POWERINT-DI-23 Datasheet
512Kb / 2P
10 W, Multi-output, High Speed Modem Power Supply
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
More results

Similar Description - DI-25

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39A108 FUJITSU-MB39A108 Datasheet
364Kb / 4P
5-Channel DC/DC Converter IC with Synchronous Rectification
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
6 ch DC/DC Converter IC with Synchronous Rectification
logo
Power Integrations, Inc...
DI-31 POWERINT-DI-31 Datasheet
54Kb / 2P
5 V, 70 W DC-DC Converter with Synchronous Rectification
DI-40 POWERINT-DI-40 Datasheet
57Kb / 2P
2.5 V, 20 W DC-DC Converter with Synchronous Rectification
logo
fujitsu semiconductor
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
4-ch DC/DC Converter IC with Synchronous Rectification
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
5 ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
5 ch DC/DC Converter IC with Synchronous Rectification
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
2ch DC/DC Converter IC with PWM Synchronous Rectification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com