Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-26 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-26
Description  7 W Digital Video Broadcast-Terrestrial (DVB-T) Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-26 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-26 Datasheet HTML 1Page - Power Integrations, Inc. DI-26 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/02
DI-26
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power
Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
• Safety Y1 capacitor C15 is connected between secondary
return and primary DC rail to minimize noise coupling
during AC common mode line transients.
• Good layout practices should be followed:
- Locate C13, R11 and C14 close to U1, with grounds
returned to the SOURCE pin.
-Minimize the primary and secondary loop areas to
reduce parasitic leakage inductance, improve EMI and
cross-regulation.
Figure 3. Conducted EMI, 230 VAC, Full Power, Output Earth
Grounded.
5
4
3
2
1
0
-1
-2
-3
-4
-5
190
250
270
210
230
Line Voltage (VAC)
2.5 V
3.3 V
6.2 V
3.0 V
Figure 2. Full Power Line Regulation.
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
EN_V_QP
EN_V_AV
QP Limit Line
Quasi-Peak Scan
Average Scan
AV Limit Line
Table 1. Transformer Construction Information.
Table 2. Worst Case Output Cross-Regulation-all Outputs Taken
from Minimum to Maximum Load.
Voltage
(V)
Load
Range
(%)
2.5
10-100
3.3
10-100
6.2
10-100
30
100
Regulation (%)
-10 -7
-4
-3
-2-1
0
1
2
3
4
7
TRANSFORMER PARAMETERS
Core Material
EF16 gapped for 190 nH/T2
Bobbin
EF16-8 pin
Winding Details
Primary: 105T, 35 AWG
Bias: 17T, 35 AWG
3.3 V Secondary: 4T, 4 x 26 AWG T.I.W.
6.2 V Secondary: 3T, 26 AWG T.I.W.
30 V Secondary: 29T, 30 AWG T.I.W.
(T.I.W. = Triple Insulated Wire)
Inductance
Primary: 2.1 mH ± 10%, Leakge: 50 µH (max.)
Primary Resonant
Frequency
650 kHz (minimum)
Winding Order
(Pin Numbers)
Primary (1-2), Tape, Bias (3-4),
Tape, 3.3 V (5-6), 5 V (6-7), 30 V (7-8)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com