Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-26 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-26
Description  7 W Digital Video Broadcast-Terrestrial (DVB-T) Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-26 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-26 Datasheet HTML 1Page - Power Integrations, Inc. DI-26 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-26
TOPSwitch-GX 7 W Digital Video
Broadcast-Terrestrial (DVB-T) Supply
September 2002
DI-26
®
Application
DVB-T
TOP242P
2.5 V / 3.3 V / 6.2 V / 30 V
Power Output
7 W
Input Voltage
Output Voltage
Topology
Device
195 to 265 VAC
Flyback
Figure 1. TOPSwitch-GX 7 W Multiple Output Supply for DVB-T.
Design Highlights
•Meets CISPR22B/EN55022B conducted EMI limits with
output return grounded
• <0.5 W input power at zero load
• 132 kHz operation and programmable current limit allows
small, low cost EF16 transformer for 7 W output
• Low component count design occupies 80 x 30 x 16 mm
• Integrated soft-start reduces start-up component stresses
Operation
The TOPSwitch-GX flyback supply provides 4 outputs, delivering
7 W from a 230 VAC
±15% input. The TOP242P was selected
for low cost, the DIP-8 package removing the need for an
external heat sink. Resistor R7 programs the internal TOP242P
current limit to 78% of nominal, just above the level needed for
full load at low line. This feature allows a more continuous
transformer design for better efficiency and cross-regulation,
without requiring a larger core size.
Resistor R12, C10 and L2 filter conducted EMI; R12 is a
flame-proof fusible type, also functioning as a fuse. For
lower cost, if the supply does not have to meet conducted
EMI with the output connected to earth ground, the common
mode choke can be replaced with a
π filter. A Zener clamp
(D11 and VR1) was selected over an RCD clamp to minimize
zero load consumption. Secondary side feedback is taken
from the 3.3 V
±5% output since this has the tightest tolerance
requirement. The 2.5 V
±5% output is derived directly from
the 3.3 V output using D4. A 60 V Schottky was selected for
D1, since the slightly higher forward drop centers the 6.2 V
and 30 V outputs.
Post-filters (L1/C3, L2/C12 and R1/C5) reduce output noise
and ripple to <
±1% of the respective output voltage. A soft-
finish capacitor (C7) eliminates output turn-on overshoot.
Key Design Points
• The transformer is designed to operate in continuous
mode for tight secondary cross-regulation.
®
PI-3023-0916102
T1
D
S
C
CONTROL
M
C9
6.8 µF
400 V
C13
100 nF
C8
1 µF
50 V
C6
0.1 µF
C14
47 µF
10 V
C4
470 µF
10 V
C12
47 µF
35 V
C5
10 µF
50 V
C3
47 µF
35 V
C7
10 µF
16 V
C15 2.2 nF
Y1
8
7
6
5
3
4
1
2
C1, C2
220 µF
35 V
D6
1N4148
D4
1N5400
D3
UF4002
D2
SB140
D1
SR506
U2
LMV431
U3
PC817
C10
47 nF
X2
D7-D10
1N4005
195-265
VAC
VR1
P6KE200
D11
BYW95C
R12
8.2 Ω
Fusible
R7
10 kΩ
R11
6.8 Ω
R6
75 Ω
R5
1 kΩ
R2
15 kΩ
1%
R1
150 Ω
R3
9.1 kΩ
1%
R4
3.3 kΩ
L1
4.7 µH
1.8 A
L2
4.7 µH
1.8 A
L3
10 mH
0.1 A
RTN
2.5 V, 1 A
3.3 V, 0.5 A
6.2 V, 0.4 A
30 V, 5 mA
U1
TOP242P
TOPSwitch-GX


Similar Part No. - DI-26

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-22 POWERINT-DI-22 Datasheet
44Kb / 2P
70 W, 19 V External Laptop Adapter
DI-23 POWERINT-DI-23 Datasheet
512Kb / 2P
10 W, Multi-output, High Speed Modem Power Supply
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
More results

Similar Description - DI-26

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
Zarlink Semiconductor I...
ZL10355 ZARLINK-ZL10355 Datasheet
456Kb / 26P
Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV(DTV)
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
10-Mar-2006
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
TDK Electronics
MEA2010PE TDK-MEA2010PE Datasheet
48Kb / 1P
3-terminal Filters(SMD Array) For Terrestrial Digital Broadcast
logo
List of Unclassifed Man...
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
Nordig Unified DVB-T COFDM Terrestrial Demodulator
logo
Silicon Laboratories
SI2115 SILABS-SI2115 Datasheet
65Kb / 2P
Digital TV Receiver for DVB-T/C
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
DVB-T2/T/C Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI2168-D60 SKYWORKS-SI2168-D60 Datasheet
37Kb / 2P
DVB-T2/T/C Digital TV Demodulator
November 28, 2021
logo
Sony Corporation
CXD2820R SONY-CXD2820R Datasheet
594Kb / 2P
THE WORLD FIRST DEMODULATOR LSI FOR DVB-T2 TERRESTRIAL DIGITAL BROADCAST STANDARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com