Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08DP05XTTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STP08DP05XTTR
Description  Low voltage 8-Bit constant current Led sink with full outputs error detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08DP05XTTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STP08DP05XTTR Datasheet HTML 14Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 15Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 16Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 17Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 18Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 19Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 20Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 21Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Detection mode functionality
STP08DP05
18/30
10
Detection mode functionality
10.1
Phase one: “entering in detection mode“
From the “Normal Mode” condition the device can switch to the “Error Mode“ by a logic
sequence on the OE/DM2 and LE/DM1 pins as showed in the following table and diagram:
After these five CLK cycles the device goes into the “Error Detection Mode“ and at the 6th
rise front of CLK the SDI data are ready for the sampling.
Table 10. Entering in detection truth table
CLK
1°2°3°4°
5°
OE/DM2
H
L
HHH
LE/DM1
LLL
H
L
Figure 16. Entering in detection timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com