Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08DP05XTTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STP08DP05XTTR
Description  Low voltage 8-Bit constant current Led sink with full outputs error detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08DP05XTTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STP08DP05XTTR Datasheet HTML 17Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 18Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 19Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 20Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 21Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 22Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 23Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 24Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
STP08DP05
Detection mode functionality
21/30
10.4
Error detection conditions
Note:
Where: IO = the output current programmed by the REXT ,
IODEC = the detected output current in detection mode.
Table 12. Detection condition (VDD = 3.3 to 5 V Temperature range 25°C)
SW-1 or SW-3b
Open Line or Output
Short to GND
detected
==> IODEC ≤ 0.5 x IO
No error
detected
==> IODEC ≥ 0.5 x IO
SW-2 or SW-3a
Short on LED or Short
to V-LED detected
==> VO ≥ 2.5V
No error
detected
==> VO ≤ 2.2 V
Figure 19. Detection circuit
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com