Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-35 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-35
Description  16 W Audio Amplifier Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-35 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-35 Datasheet HTML 1Page - Power Integrations, Inc. DI-35 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-35
B
7/04
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations. PI Expert and DPA-Switch
are trademarks of Power Integrations.
Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit
described herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATIONS, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com.
For the latest updates, visit
www.powerint.com
Table 1. Transformer Construction Information.
Figure 3. Load Current for Thermal Test (10 ms/div).
Figure 2. 115 VAC V-I Curve.
TRANSFORMER PARAMETERS
Core Material
Nippon Ceramic EF-25-NC-2H
A
LG of 247 nH/T
2
Bobbin
Miles-Platts FE0100 with
TBS-601 terminals
Winding Details
Primary: 65T, 2 layers, 28 AWG
Secondary: 9T, 2 x 26 AWG,
triple insulated
Bias: 7T, 2 x 28 AWG
Winding Order
(pin numbers)
Primary: 3-1, tape
Secondary: 9, 10-6,7, tape,
Bias: 4-5, tape 3L
Primary
Inductance
1059
µH ±10%
Primary Resonant
Frequency
0.75 MHz (min)
Leakage
Inductance
28
µH (max)
Table 2. Thermal Test with Pulsed Load of Figure 3. 25
°C
Ambient, Open Frame, 85 VAC and 265 VAC Input.
THERMAL TEST RESULTS
Thermal test load current is 1 A for 30 ms, 2.2 A for 10 ms
Test Case
T (
°C) at
85 VAC
T (
°C) at
265 VAC
T1 (Transformer)
57
59
U1 (TOP245P)
64
51
D7 (Op Rectifier)
58
59
C8 (Op Capacitor)
41
40
0
50
100
1
4
3
5
2
Time (ms)
6
7
0
-1
2.2 A
1 A
0
1
1.5
0.5
2
2.5
IOUT (A)
15.5
15.6
15.1
15.2
15.3
15.4
15
15.9
16
15.7
15.8
16.1
• Keep power loop layouts (primary and secondary) tight to
minimize noise (EMI and output ripple) and power loss.
• At least 10 cm2 of PCB copper area should be used for
heatsinking.
• 10,000 µF output buffer capacitor, standard ESR,
improves multi-channel audio transient capability.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com