Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-35 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-35
Description  16 W Audio Amplifier Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-35 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-35 Datasheet HTML 1Page - Power Integrations, Inc. DI-35 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-35
TOPSwitch-GX
16 W Audio Amplifier Power Supply
Design Highlights
• No heatsinks required!
• 77% efficiency (min), at 85 VAC input/35 W output
• Low no-load input power: < 0.7 W at 230 VAC input
• Low component count: 37, excluding I/O connectors
• Stable operation with or without 10,000 µF output buffer
capacitor
• Robust transformer design enables 35 W peak power
• Meets CISPR22B EMI with >10 dB of margin
• Ideal for both class AB and class D audio amplifiers,
6 channel Dolby Digital with 6 ohm speakers
Operation
Many of the built-in TOPSwitch-GX features have been used
to reduce the component count, transformer size and overall
cost of this universal input flyback power supply. Designed
around a TOP245P (DIP-8 package), the device uses PCB
copper for its heatsink, eliminating the costs of both a heatsink
and the installation labor. Output diode D7 is also cooled the
same way.
Resistors R1 and R2 set the nominal under-voltage (UV)
lockout and overvoltage (OV) shutdown limits to 84 V and
378 V, respectively. UV lockout protects the supply from
overheating at low line and eliminates power-up and power-
down glitches. OV shutdown protects the power supply from
line surges.
The EMI filter has been significantly simplified to three
components (L1, CX1 and CY1), thanks to the built-in
frequency jitter function of the TOPSwitch-GX family.
The RCD network of C4, R3, R4, and D5 limits (clamps) the
peak voltage that the U1-DRAIN sees. A glass-passivated
normal recovery diode (D5) recycles stored leakage energy,
increasingoverallefficiency.DRAINringingisdampenedby
R4 (necessary when a normal recovery diode is used).
The bias winding provides operating power and feedback
current to the CONTROL pin of U1. The U2-LED, R8 and
VR1 comprise the feedback circuit that senses the output
voltage. ThecurrentthroughtheU2-LEDregulatestheoutput
voltage by modulating the feedback current that flows into
the CONTROL pin of U1.
Key Design Points
• Ensure that the control loop has enough phase margin at
the extremes of the rated input voltage and output load,
both with and without the output buffer capacitor.
• A 5% VR1 should be acceptable for an audio amplifier.
Greater accuracy will require a 2% VR1.
• OV and UV thresholds are determined by:
V
OV = 225 µA • (R1+R2) and VUV = 50 µA • (R1+R2).
www.powerint.com
Figure 1. Audio Amplifier Power Supply.
DI-35
®
July 2004
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
Audio Amplifier
TOP245P
16 W (35 W Peak)
85-265 VAC
16 V
Flyback
PI-3731-070704
85-265
VAC
16 V, 1 A /
2.2 A
RTN
L
N
CX1
220 nF
250 VAC
F1
3.15 A
250 V
C1
100
µF
400 V
R1
1 M
Ω
R3
200 k
Ω
1/2 W
R5
3.3
Ω
R7
10
Ω
1
9,10
T1
6,7
4
5
3
R6
33
Ω
1/4 W
R8
150
Ω
R10
1 k
R4
33
Ω
1/4 W
R2
1 M
Ω
C2
100 nF
50 V
C3
100
µF
16 V
C10
47
µF
25 V
U2
PC817A
VR1
IN5244B
5%
C9
100
µF
25 V
C8
470
µF
25 V
C7
470
µF
25 V
C5
1
µF
50 V
C4
1 nF
1 kV
CY1
2.2 nF
(Safety)
C6
470 pF
100 V
D6
BAV20
D5
1N4007G
D7
SB5100
L1
6.8 mH
0.8 A
L2
3.3
µH
U1
TOP245P
D1-D4
1N4007
TOPSwitch-GX
D
S
C
M
CONTROL


Similar Part No. - DI-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DI-35 ETC-DI-35 Datasheet
78Kb / 2P
16 W Audio Amplifier Power Supply
More results

Similar Description - DI-35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
0,5 W audio power amplifier
March 1986
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
1-W AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
16 W Audio Amplifier Power Supply
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
20 W AUDIO POWER AMPLIFIER
logo
Power Integrations, Inc...
DI-134 POWERINT-DI-134 Datasheet
388Kb / 2P
Audio Amplifier Power Supply
logo
Texas Instruments
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
1.3 W Audio Power Amplifier
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
1.3 W Audio Power Amplifier
logo
Sanyo Semicon Device
STK412-090 SANYO-STK412-090 Datasheet
53Kb / 4P
Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com