Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-41 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-41
Description  43 W, 100/115 VAC Multi-output Set-top Box Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-41 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-41 Datasheet HTML 1Page - Power Integrations, Inc. DI-41 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/02
DI-41
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Table 1. Transformer Design Parameters.
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power
Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.
and DC stacking is used to improve the regulation of 12 V,
18 V, and 30 V outputs. Ferrite bead L7 is placed in series with
the 12 V, 18 V and 30 V output windings to improve centering
and cross-regulation of these outputs.
Frequency jittering provides large EMI margins with simple
filtering. Primary soft-start minimizes component stress during
start-up and a soft-finish capacitor (C20) eliminates start-up
output overshoot.
Key Design Points
• Use K
RP (Ripple-to-peak current ratio) in the range of
0.4–0.6 for higher efficiency, and tighter cross-regulation.
Use V
OR (reflected output voltage) of 90 V to 110 V for
optimum performance.
• PCB traces which carry high switching currents should be
short and wide to reduce EMI.
• Reduce leakage inductance and improve cross-regulation
by filling each winding layer across the entire width of the
bobbin.
• Resistor R14 provides a small amount of pre-load on the
33 V output to prevent peak charging due to leakage
spikes.
• R5 and C5 reduce power dissipation in VR1.
Voltage
(V)
Load
Range
(Amp)
3.3
1-3
5
1-3.2
12
0.3-0.6
30
0.01-0.03
Regulation (%)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
Table 2. Worst Case Output Cross Regulation - Outputs Taken
from Minimum to Maximum Load and Line from 85 VAC
to 132 VAC.
TRANSFORMER PARAMETERS
Core Material
ERL28, Nippon ceramic
NC-2H material or equivalent,
gapped for A
LG = 128 nH/T
2
Bobbin
ERL28 vertical, 14 pins,
Jinbo Industrial
JB-0039 or equivalent
Winding Details
Primary: 30T + 23T, 25 AWG
Shield: 1T, 0.6" x 0.001" Cu foil
Bias: 7T, 2 x 27 AWG
3.3 V: 2T, 0.6" x 0.005" Cu foil
5 V: 1T, 0.6" x 0.005" Cu foil
12 V: 4T, 2 x 27 AWG
18 V: 3T, 2 x 27 AWG
33 V: 6T, 27 AWG
(2 x 27 AWG = Bifilar 27 AWG)
Inductance
Primary: 356 µH,
Leakage: 11 µH (maximum)
Primary Resonant
Frequency
650 kHz (minimum)
Winding Order
(Pin Numbers)
Apply 3.2 mm tape margin to
both sides of bobbin
Primary (4-3), tape, Shield (1-NC),
tape, Bias (6-7), 3 x tape, 5 V (9-11),
3.3 V (11-10), tape, 12 V (12-8),
18 V (13-12), 33 V (14-13),
3 x tape, Primary (3-1), 3 x tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com