Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-41 Datasheet (PDF) - Power Integrations, Inc.

DI-41 Datasheet PDF - Power Integrations, Inc.
Part # DI-41
Download  DI-41 Download
File Size   68.04 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 43 W, 100/115 VAC Multi-output Set-top Box Power Supply

DI-41 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-41 Datasheet PDF - Power Integrations, Inc.

Part # DI-41
Download  DI-41 Click to download

File Size   68.04 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 43 W, 100/115 VAC Multi-output Set-top Box Power Supply

DI-41 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DI-41

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-40 POWERINT-DI-40 Datasheet
57Kb / 2P
2.5 V, 20 W DC-DC Converter with Synchronous Rectification
DI-42 POWERINT-DI-42 Datasheet
43Kb / 2P
Non-isolated Flyback (Buck/Boost) Converter
DI-43 POWERINT-DI-43 Datasheet
51Kb / 2P
30 W, Universal Input, 12 V Supply with <250 mW No-load
More results


Similar Description - DI-41

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-16 POWERINT-DI-16 Datasheet
67Kb / 2P
57 W, 230 VAC, Multi-output Set-top Box Power Supply
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
SET-TOP BOX FILTERS
logo
Intersil Corporation
ISL9491 INTERSIL-ISL9491 Datasheet
334Kb / 13P
LNB Power Supply and Control for Satellite Set-Top Box
October 13, 2009
logo
Diodes Incorporated
ZLPM8010 DIODES-ZLPM8010 Datasheet
64Kb / 3P
SET-TOP BOX SERIES SINGLE LNB CONTROLLER AND POWER SUPPLY IC
Rev 1
ZLPM8011 DIODES-ZLPM8011 Datasheet
76Kb / 3P
SET-TOP BOX SERIES SINGLE LNB CONTROLLER AND POWER SUPPLY IC
Rev 1
ZLPM8012 DIODES-ZLPM8012 Datasheet
61Kb / 3P
SET-TOP BOX SERIES SINGLE LNB CONTROLLER AND POWER SUPPLY IC
Rev 1
logo
Intersil Corporation
ISL9491ERZ INTERSIL-ISL9491ERZ Datasheet
354Kb / 14P
Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
August 12, 2015
logo
Diodes Incorporated
ZLPM8014 DIODES-ZLPM8014 Datasheet
121Kb / 3P
SET-TOP BOX SERIES LNB CONTROLLER AND POWER SUPPLY IC
Rev 1
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
Set-top box
18-May-2011
logo
Renesas Technology Corp
ISL9491 RENESAS-ISL9491 Datasheet
663Kb / 14P
Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com