Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-43 Datasheet (PDF) - Power Integrations, Inc.

DI-43 Datasheet PDF - Power Integrations, Inc.
Part # DI-43
Download  DI-43 Download
File Size   51.89 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 30 W, Universal Input, 12 V Supply with <250 mW No-load

DI-43 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-43 Datasheet PDF - Power Integrations, Inc.

Part # DI-43
Download  DI-43 Click to download

File Size   51.89 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 30 W, Universal Input, 12 V Supply with <250 mW No-load

DI-43 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DI-43

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-40 POWERINT-DI-40 Datasheet
57Kb / 2P
2.5 V, 20 W DC-DC Converter with Synchronous Rectification
DI-41 POWERINT-DI-41 Datasheet
68Kb / 2P
43 W, 100/115 VAC Multi-output Set-top Box Power Supply
DI-42 POWERINT-DI-42 Datasheet
43Kb / 2P
Non-isolated Flyback (Buck/Boost) Converter
More results


Similar Description - DI-43

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-27 POWERINT-DI-27 Datasheet
51Kb / 2P
3 W AC Adapter: <10 mW No-load Consumption
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-33 POWERINT-DI-33 Datasheet
59Kb / 2P
Wide Range DVD Supply: <50 mW No-load Consumption
DI-39 POWERINT-DI-39 Datasheet
499Kb / 2P
13 W, Universal Input DVD Supply with 70 mW No-load
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com