Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75276D Datasheet(PDF) 11 Page - STMicroelectronics

Part # SN75276D
Description  FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN75276D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SN75276D Datasheet HTML 7Page - STMicroelectronics SN75276D Datasheet HTML 8Page - STMicroelectronics SN75276D Datasheet HTML 9Page - STMicroelectronics SN75276D Datasheet HTML 10Page - STMicroelectronics SN75276D Datasheet HTML 11Page - STMicroelectronics SN75276D Datasheet HTML 12Page - STMicroelectronics SN75276D Datasheet HTML 13Page - STMicroelectronics SN75276D Datasheet HTML 14Page - STMicroelectronics SN75276D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SN75276
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
SLLS212B – SEPTEMBER 1995 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 11
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
0
– 10
– 20
– 30
– 40
– 50
5
0
1
2
3
4
IOH – High-Level Output Current – mA
4.5
3.5
2.5
1.5
0.5
–5
–15
– 25
–35
–45
TA = 25°C
VID = 0.2 V
Figure 12
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
4
3
2
1
100
80
60
40
20
0
–20
0
120
5
TA – Free-Air Temperature – °C
–40
VCC = 5 V
VID = 200 mV
IOH = – 440 µA
4.5
3.5
2.5
1.5
0.5
Figure 13
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
TA = 25°C
VCC = 5 V
0.5
0.4
0.3
0.2
0.1
25
20
15
10
5
0
30
0.6
IOL – Low-Level Output Current – mA
0
Figure 14
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VID = – 200 mV
VCC = 5 V
TA – Free-Air Temperature – °C
0.6
0
0.1
0.2
0.3
0.4
0.5
100
80
60
40
20
0
–20
120
–40
IOL = 8 mA
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com