Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75276D Datasheet(PDF) 12 Page - STMicroelectronics

Part # SN75276D
Description  FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN75276D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SN75276D Datasheet HTML 8Page - STMicroelectronics SN75276D Datasheet HTML 9Page - STMicroelectronics SN75276D Datasheet HTML 10Page - STMicroelectronics SN75276D Datasheet HTML 11Page - STMicroelectronics SN75276D Datasheet HTML 12Page - STMicroelectronics SN75276D Datasheet HTML 13Page - STMicroelectronics SN75276D Datasheet HTML 14Page - STMicroelectronics SN75276D Datasheet HTML 15Page - STMicroelectronics SN75276D Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SN75276
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
SLLS212B – SEPTEMBER 1995 – REVISED APRIL 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
VCC = 4.75 V
RECEIVER
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
VCC = 5 V
VCC = 5.25 V
TA = 25°C
VID = 0.2 V
0
VI – Enable Voltage – V
3
0.5
1
1.5
2
2.5
4
3
2
1
0
5
Load = 8 k
Ω to GND
Figure 16
RECEIVER
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
5
4
3
2
1
2.5
2
1.5
1
0.5
0
3
6
VI – Enable Voltage – V
0
VCC = 5 V
VCC = 5.25 V
VCC = 4.75 V
Load = 1 k
Ω to VCC
TA = 25°C
VID = – 0.2 V
APPLICATION INFORMATION
Up to 32
Unit Loads
SN75276
SN75276
RT
RT
NOTE A: The line should be terminated at both ends in its characteristic impedance. Stub lengths off the main line should be kept as short as
possible (RT = ZO).
Figure 17. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com