Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL201212S-R47J-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SNL201212S-R47J-T
Description  SMD Inductor for Signal Line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SNL201212S-R47J-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SNL201212S-R47J-T Datasheet HTML 1Page - List of Unclassifed Manufacturers SNL201212S-R47J-T Datasheet HTML 2Page - List of Unclassifed Manufacturers SNL201212S-R47J-T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SNL201212S(1/7)-P1/3
SNL201212 Series Type
SMD Inductor for Signal Line
FEATURES
• Utilizing a miniaturized winding structure.
• These products provide high Q characteristics.
• Resin-coated surface enables excellent mounting
• Low DC resistance design is ideal for low loss.
• Precision inductance tolerance is available.
APPLICATIONS
• Personal computers,Hard disk drives
• ADSL modem and Cable modem
• Digital camera and other electronic equipment
PRODUCT IDENTIFICATION
SNL 201212 S - 1R0 J - T
(1)
(2)
(3)
(4) (5) (6)
(1) Product name
(5) Tolerance
(2) Shapes and Dimensions (LxWxT)
J : ±5% ; K : ±10%
201212 : 2.0x1.2x1.2 mm
(6) Taping style
(3) Type name
T : Taping ; None : Bulk
(4) Inductance
1R0 : 1.0uH ; 100 : 10uH
SHAPES AND DIMENSIONS(Unit:mm)
A : 2.4 max.
mm
B : 1.6 max.
mm
C : 1.4 max.
mm
D : ( 0.51)
mm
E : 0.40 ± 0.1
mm
RECOMMENDED FOOTPRINT(Unit:mm)
2.8
1.0
A
B
E
C
D
0.9


Similar Part No. - SNL201212S-R47J-T

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNL310 SONIX-SNL310 Datasheet
739Kb / 24P
16-bit LCD Controller
SNL320 SONIX-SNL320 Datasheet
345Kb / 27P
16-Bit LCD Controller
SNL320 SONIX-SNL320_06 Datasheet
345Kb / 27P
16-Bit LCD Controller
logo
Laird Tech Smart Techno...
SNL60-RXP LSTD-SNL60-RXP Datasheet
62Kb / 4P
Material Safety Data Sheet
SNL70-HXP LSTD-SNL70-HXP Datasheet
1Mb / 2P
Form-In-Place
More results

Similar Description - SNL201212S-R47J-T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEM2012T-S1 TDK-MEM2012T-S1 Datasheet
39Kb / 2P
3-terminal Filters(SMD) For Signal Line
NLHV25 TDK-NLHV25 Datasheet
40Kb / 2P
SMD Inductors(Coils) For Signal Line(Wound)
MMZ1608B121C TDK-MMZ1608B121C Datasheet
222Kb / 8P
Chip Beads(SMD) For Signal Line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
Chip Beads(SMD) For Signal Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
Chip Beads(SMD) For Signal Line
ACF321825-101-TD01 TDK-ACF321825-101-TD01 Datasheet
82Kb / 4P
3-terminal Filters(SMD) For Signal Line
MEM2012T50R0 TDK-MEM2012T50R0 Datasheet
42Kb / 2P
3-terminal Filters(SMD) For Signal Line
logo
List of Unclassifed Man...
CMF2012H ETC1-CMF2012H Datasheet
144Kb / 2P
Common Mode SMD Filter for Signal Line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com