Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-63 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-63
Description  4.8 W CV/CC Charger with Output Cable-Drop Compensation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-63 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-63 Datasheet HTML 1Page - Power Integrations, Inc. DI-63 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-63
TinySwitch-II 4.8 W CV/CC Charger
with Output Cable-Drop Compensation
September 2003
DI-64
®
Application
Charger
TNY266P
6 V, 800 mA ±7%
Power Output
4.8 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Figure 1. TinySwitch-II Based Charger/Adapter Circuit Diagram.
Design Highlights
• Universal input, no-load consumption < 300 mW
•Meets CISPR-22 Class B EMI without a Y capacitor
• Extremely simple circuit, requires only 32 components!
• Circuit has output cable voltage drop compensation
• Ultra-low Leakage current: < 5
µA at 265 VAC input
Operation
Fusible resistor RF1 provides short-circuit fault protection and
limits start-up inrush current. Inductors L1 and L2 and capacitors
C1 and C2 form a low-cost pi (
π) filter that attenuates conducted
EMI.
Transformer (T1) has two shield windings (1-3 and 1-open)
which reduce the generation of EMI noise. Winding phasing
and D7 orientation let no secondary winding current flow when
the MOSFET in U1 is ON, so primary winding current stores
energy in the core of T1. When the MOSFET in U1 turns OFF,
the energy stored in T1 drives current out of the secondary
winding, forward biasing D7, charging C7 and developing/
maintaining the output voltage across C7. The V
BE of Q1 and
the V
Z of VR1 determine the CV set point. The voltage across
R4, R5 and the U2-LED determine the CC set point.
Resistors R7, R10 and diode D6 compensate for output-cable
voltage-drop. The CV portion of the output VI curve is flat,
at the end of the cable, because a current sense resistor (R10)
equal to the DC resistance of the output cable is in the voltage
feedback loop. Diode D6 implements temperature
compensation for the cable drop.
The combination of TinySwitch-II frequency jitter, the
output diode snubber (R6 and C5), the T1 shield windings and
careful primary clamp circuit component selection enable
compliance with CISPR-22, Class B conducted EMI limits,
without a Y-1 Safety capacitor. Eliminating the Y capacitor
gives this circuit very low (< 5
µA) AC leakage current.
This circuit is suitable for portable electronics chargers.
PI-3704-091903
85-265
VAC
L
N
6 V, 0.8 A
RTN
RF1
8.2 Ω
1 W
Fusible
D1-D4
1N4005 x 4
C8
6.8 µF
400 V
L1
1.0 mH
L2
Ferrite
Bead
C3
1.0 nF
500 V
C5
1 nF
500 V
D6
1N4148
D5
1N4007G
U1
TNY266P
U2
PC817D
C6
680 µF
10 V
C4
0.1 µF
50 V
D7
SB260
1
T1 EE13
L
P = 1.25 mH
10
9
R2
200 kΩ
R3
100 Ω
R5
1.35 Ω
2.0 W
R9
330 Ω
C7
100 µF
10 V
R8
160 Ω
R4
300 Ω
VR1
BZX79-
B5V1
R6
10 Ω
R7
120 Ω
R10
0.24 Ω
C2
6.8 µF
400 V
TinySwitch-II
Q1
2N3906
D
S
EN
BP
L3
Ferrite
Bead
2
1
1
3


Similar Part No. - DI-63

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-61 POWERINT-DI-61 Datasheet
432Kb / 2P
3 W Charger:
logo
Contec Co., Ltd
DI-64L-PE CONTEC-DI-64L-PE Datasheet
236Kb / 2P
Digital Input Board with Opto-Isolation
logo
Power Integrations, Inc...
DI-66 POWERINT-DI-66 Datasheet
497Kb / 2P
45 W, Universal Input, LCD Monitor Internal Supply
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
Isolated, Power Factor Corrected (PFC), 17 W LED Driver
More results

Similar Description - DI-63

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
logo
AUK corp
SL71062 AUK-SL71062 Datasheet
188Kb / 6P
CC, CV Control for Battery Charger & Adaptor
logo
Unisonic Technologies
UM607 UTC-UM607 Datasheet
167Kb / 6P
CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
logo
KODENSHI_AUK CORP.
SL71053 KODENSHI-SL71053 Datasheet
90Kb / 6P
CC, CV Control for Battery Charger & Adaptor
logo
Analog Devices
LT8698S AD-LT8698S Datasheet
4Mb / 40P
5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
02/21-REV.A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com