Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-63 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-63
Description  4.8 W CV/CC Charger with Output Cable-Drop Compensation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-63 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-63 Datasheet HTML 1Page - Power Integrations, Inc. DI-63 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/03
DI-63
Table 1. Transformer Construction Information.
Figure 3. 6.0 VDC, 800 mA CV/CC Curve.
Figure 2. No-Load Input Power vs. Line Voltage.
Core Material
Bobbin
Winding Order
(pin numbers)
Primary Inductance
Primary Resonant Frequency
Leakage Inductance
TRANSFORMER PARAMETERS
EE16, TDK PC40, or equivalent
A
L of 127.5 nH/T
2
EE16, 10 pin
Core shield (1-3), tape
Primary (1-2), tape
Shield (1-floating), tape
Secondary (10-9), tape
1.25 mH ±10%
500 kHz (minimum)
35 µH (maximum)
Key Design Points
• Secondary feedback bias current and output tolerances
are minimized by using a low current part for VR1
• Primary clamp losses are minimized by keeping the
voltage reflected across the transformer (V
OR) low
• Picking wire sizes that fill each winding layer produce
transformers with the lowest leakage inductance
• Putting the floating shield winding between the primary
and secondary windings reduces EMI noise
•A high gain opto-coupler (CTR = 200-400) keeps the
CC portion of the output curve more vertical
• R10 should equal the output cable resistance value
85
145
175
115
205
235
265
Input Voltage (VAC)
150
50
100
0
250
200
300
7
5
6
Output Current (A)
0
1
2
3
4
500 600 700 800
400
300
200
100
0
900
85 VAC
265 VAC
Low Limit
High Limit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com