Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-67 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-67
Description  Isolated, Power Factor Corrected (PFC), 17 W LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-67 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-67 Datasheet HTML 1Page - Power Integrations, Inc. DI-67 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
10/03
DI-67
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations. PI Expert and DPA-Switch
are trademarks of Power Integrations. Copyright 2003, Power Integrations
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does not assume any
liability arising from the use of any device or circuit described herein, nor does it convey any license under its patent rights or the rights of others. The products and
applications illustrated herein may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to
Power Integrations. A complete list of Power Integrations' patents may be found at www.powerint.com.
For the latest updates, visit www.powerint.com
025
50
Time (ms)
0.5 A/Div.
100 V/Div.
0.5 A/Div.
0 A
0 V
0 A
Table 1. Transformer Construction Information.
Core
Bobbin
Winding Details
Winding Order
(pin numbers)
Primary Inductance
Primary Resonant
Frequency
Leakage Inductance
TRANSFORMER PARAMETERS
EF-20 or Equivalent
ALG of 1570 nH/T2
Miles-Platts EF0700 EF20
8 Pin Horizontal
Primary: 70T, 2 layers, 29 AWG
Secondary: 13T, 2 x 32 AWG
Triple Insulated Wire
Bias: 9T, 2 x 23 AWG
Primary: 2-5, tape
Secondary: 8-7, tape
Primary: 5-1, tape
Bias: 3-4, tape 3 layers
350 µH ±10%
2.0 MHz (Min)
10 µH (Max)
Figure 2. PFC LED Driver Waveforms.
Top:
Input Current at 120 VAC 60 Hz.
Middle: C3 Capacitor Voltage.
Bottom: Output Current (with 20 V LED Load).
Figure 3. PFC Driver Current vs. Temperature.
Key Design Points
• To have high power factor, a constant duty factor must be
maintained over the 8.33 ms half cycle period. Therefore,
the bias supply voltage and the U1 CONTROL pin current
must remain extremely constant. The values of C6 and C8
must be chosen accordingly.
• Decreasing the value of C8 will reduce the turn-on delay
time, but will also degrade the power factor.
• Because low-cost is the goal of this low-loop-gain design,
the tolerance of the output current depends on the CTR of
the opto-coupler and the (unregulated) value of the bias
voltage. The restricted AC input voltage range allows
using the forward (not flyback) configuration for the bias
winding. If the AC input voltage range is extended, voltage
regulation of the bias supply circuit will be required.
-40
0
-20
20
40
60
80
Ambient Temperature (°C)
700
680
660
720
740
LED Current must be maintained
within manufacturer's specified
temperature range.
+5% Upper Specification Limit
-5% Lower Specification Limit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com