Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-67 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-67
Description  Isolated, Power Factor Corrected (PFC), 17 W LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-67 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-67 Datasheet HTML 1Page - Power Integrations, Inc. DI-67 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-67
TOPSwitch-GX Isolated, Power
Factor Corrected (PFC), 17 W LED Driver
October 2003
DI-67
®
Application
LED Arrays
TOP246F
700 mA (16-24 V)
Power Output
17.6 W max
Input Voltage
Output Current
Topology
Device
108-132 VAC 60 Hz
Flyback
Figure 1. Isolated Constant Current PFC LED Driver.
Design Highlights
• 700 mA of output current regulated to within
± 5%
• Power factor: > 0.98, THD:
≤ 9.6%
• No output current overshoot at power-on
• Temperature range: -40
°C to +80 °C
• Harmonics comply with IEC61000-3-2, Edition 2.1
• Conducted EMI complies with CISPR-22 B
Operation
This low-cost, TOP246F based PFC LED Driver takes
advantage of built-in TOPSwitch-GX features. This supply is
current (not voltage) regulated, except in the case of no-load.
Without a load, the output voltage is limited to about 30 V
(max), by R6 and VR2. Configured as a flyback converter, this
circuit operates in the discontinuous conduction mode. It can
deliver an average of 700 mA (1 A at the peak of output ripple)
over a 16 V to 24 V range, which makes it ideal for driving high
current LED arrays, such as the Luxeon 12 UP LED Ring.
The DC input capacitor (C3, 100 nF) was sized so that its
voltage approaches zero at the AC input zero crossings (see the
middle waveform of Figure 2).
A 220
µF capacitor (C6) was chosen for the bias supply to
minimize the 120 Hz ripple current into the current source (Q1),
which provides control current to U1. The output rectifier (D9)
must be rated for an average of 3.5 A. Capacitor C7’s value (680
µF) sets the magnitude of the output ripple current to 600 mA
peak to peak, at 120 Hz.
Resistors R7, R8, R9 and U2’s LED set the 700 mA average
current limit. The U2 phototransistor drives the current source
(Q1) and the PFC-loop filter capacitor (C8, 100
µF). Capacitor
C8 was sized to provide the low loop bandwidth necessary for
high power-factor. R4 is the power-off discharge path for C6
and C8.
The CONTROL pin bypass capacitor (C5, 1
µF) is just large
enough to allow smooth start-up of the output load current, and
yet small enough to prevent output current overshoot. A larger
value of C5 would increase start-up delay time.
D1-D4
IN4004
L2
150 uH
C1
100 nF
X2 CAP
C2
100 nF
X2 CAP
C3
100 nF
C7
680 uF
35 V
C6
220 uF
25 V
C8
100 uF
25 V
C5
1.0 uF
R6
100 Ω
5%
R4
10 kΩ
5%
R2
499 Ω
1%
R3
1.00 kΩ
1%
R7
100 Ω
1%
R8 1.50 Ω, 1%
R9 10.0 Ω, 1%
R1
10.0 kΩ
1%
R5
3.01 kΩ
1%
C4
2.2 nF
Y CAP
T1
D5
UF4005
D7
1N4148
D6
UF4005
D9
BYV28-200
D8
UF4002
1
23
14
8
7
4
3
5
2
VR1
P6KE200A
VR2
1N5254B
L1
27 mH
RV1
150 V
F1 T1A
250 V
108-132 VAC
60 Hz
700 mA
16-24 V
RETURN
U1
TOP246F
U2
PC81711NSZ
Q1
PN2907A
N
L
D
S
C
L
F
X
CONTROL
TOPSwitch-GX
+
6
PI-3746-110303


Similar Part No. - DI-67

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-61 POWERINT-DI-61 Datasheet
432Kb / 2P
3 W Charger:
DI-63 POWERINT-DI-63 Datasheet
368Kb / 2P
4.8 W CV/CC Charger with Output Cable-Drop Compensation
logo
Contec Co., Ltd
DI-64L-PE CONTEC-DI-64L-PE Datasheet
236Kb / 2P
Digital Input Board with Opto-Isolation
logo
Power Integrations, Inc...
DI-66 POWERINT-DI-66 Datasheet
497Kb / 2P
45 W, Universal Input, LCD Monitor Internal Supply
More results

Similar Description - DI-67

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
LOPAC VICOR-LOPAC Datasheet
230Kb / 8P
PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers
logo
Power Integrations, Inc...
LNK405EG POWERINT-LNK405EG Datasheet
5Mb / 54P
12 W Non-Isolated, Buck Topology, Power Factor Corrected, LED Driver Using LinkSwitch짰-PH LNK405EG
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
logo
SL Power Electronics
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
logo
Sanken electric
LC5555LD SANKEN-LC5555LD Datasheet
267Kb / 11P
Single-Stage Power Factor Corrected High Efficiency Non-Isolated Buck LED Driver
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30386 ONSEMI-NCL30386 Datasheet
317Kb / 21P
Dimmable Power Factor Corrected LED Driver Featuring Primary Side CC
April, 2018 ??Rev. P2
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
NCL30488 ONSEMI-NCL30488 Datasheet
259Kb / 22P
Power Factor Corrected LED Driver with Primary Side CC/CV
August, 2020 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com