Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOPAC Datasheet (PDF) - Vicor Corporation

LOPAC Datasheet PDF - Vicor Corporation
Part # LOPAC
Download  LOPAC Download
File Size   230.29 Kbytes
Page   8 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers

LOPAC Datasheet (PDF)

Go To PDF Page Download Datasheet
LOPAC Datasheet PDF - Vicor Corporation

Part # LOPAC
Download  LOPAC Click to download

File Size   230.29 Kbytes
Page   8 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers

LOPAC Datasheet (HTML) - Vicor Corporation


LOPAC Product details

Overview
The PFC MicroS, PFC Micro and PFC Mini are members of the new low profile, high-density LoPAC series of power factor corrected AC-DC power supplies. Available as a one, two or three slot package, respectively, each LoPAC slot can be configured with standard Vicor DC-DC converter modules enabling up to six user specifiable isolated outputs in a package only 1.75 (44.5mm) high with a power density of 11W/in3.

Family Features
• Near unity power factor
• EN61000-3-2 harmonic current compliance
• Low profile package
• Output power to 1,500W
• Up to 6 user specifiable outputs
• Universal AC input
• Power density up to 11W/in3
• Integral cooling fans
• New “Autosense” feature
• Safety agency approvals: UL, CUL, TÜV, VDE, CE Marked




Similar Part No. - LOPAC

ManufacturerPart #DatasheetDescription
logo
Powerbox
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
More results


Similar Description - LOPAC

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Cooper Bussmann, Inc.
CTX01-15789 COOPER-CTX01-15789 Datasheet
231Kb / 3P
Power Factor Correction (PFC) Application Notes
logo
ULTRA LEVEL TECH CO., L...
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
AC-DC PFC SWITCHING POWER SUPPLY
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
CINCON ELECTRONICS Corp...
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
AC-DC POWER SUPPLY WITH PFC
logo
Bel Fuse Inc.
MPU200-1012G BEL-MPU200-1012G Datasheet
1Mb / 7P
Power Factor Correction (PFC)
logo
Applied Motion Products...
PS600A48 AMP-PS600A48 Datasheet
595Kb / 2P
AC/DC Power Supply ??PFC ??600W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com