Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOPAC Datasheet(PDF) 3 Page - Vicor Corporation

Part # LOPAC
Description  PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

LOPAC Datasheet(HTML) 3 Page - Vicor Corporation

  LOPAC Datasheet HTML 1Page - Vicor Corporation LOPAC Datasheet HTML 2Page - Vicor Corporation LOPAC Datasheet HTML 3Page - Vicor Corporation LOPAC Datasheet HTML 4Page - Vicor Corporation LOPAC Datasheet HTML 5Page - Vicor Corporation LOPAC Datasheet HTML 6Page - Vicor Corporation LOPAC Datasheet HTML 7Page - Vicor Corporation LOPAC Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 Westcor Division 408-522-5280
LoPAC Family
Rev. 1.2
Page 3 of 8
Set your site on VICOR at www.vicorpower.com
INPUT CHARACTERISTICS
Parameter
PFC Mini
PFC Micro
PFC MicroS
Units
Notes
AC Input
Voltage
85-264
Vac
Frequency
47-500
Hz
DC Input
100-380
100-300
Vdc
Line Regulation
0.4
%
From low line to high line
Inrush Current
@ 115Vac
30
5
A rms
@ 230Vac
60
10
A rms
Ride Through Time
>20
ms
@ load
1,200
500
W
Conducted EMI/RFI
FCC Class A
FCC Class A
PFC Mini with 1st Gen units
EN55022 Class A
EN55022 Class A (consult factory)
meets FCC & EN Class B
Power Factor
>0.98
>75% load
Harmonic Current Limits
EN61000-3-2/A14
Class A
Surge Immunity
IEC61000-4-5
Level 3 Performance Criteria B
Dielectric Withstand
Primary to Chassis GND
2,121
Vdc
Primary to Secondary
4,242
Vdc
Secondary to Chassis GND
750
Vdc
OUTPUT CHARACTERISTICS
Parameter
PFC Mini
PFC Micro
PFC MicroS
Units
Notes
Setpoint Accuracy
0.5
%
of Vnom
Load Regulation
0.05
%
10% to full load
0.2
%
No load to full load
Temperature Regulation
0.005
%/°C
-20º to +65ºC
Long Term Drift
0.02
%/khr
Output Ripple & Noise
≤10Vout
100
mV
20 MHz bandwidth
>10Vout
1.0
% Vout
20 MHz bandwidth
Voltage Trim Range
1st Gen Slots
50-110
% Vout
±10% on 10-15 Vout
2nd Gen Slots
10-110
% Vout
Preload may be required
Remote Sense Compensation
0.5
Vdc
Autosense (See page 2)
OVP Set Point
125
% Vout
Not available on 1st Gen Minis
Current Limit
115
% Imax
Auto recovery
ENVIRONMENTAL CHARACTERISTICS
Parameter
PFC Mini
PFC Micro
PFC MicroS
Units
Notes
Storage Temperature
-40 to +85
°C
Operating Temperature
Full Rated Power
-20 to +45
°C
50% Rated Power
-20 to +65
°C
Safety Approvals
UL, CUL, TÜV, VDE, CE Marked
MECHANICAL CHARACTERISTICS
Parameter
PFC Mini
PFC Micro
PFC MicroS
Units
Notes
Weight
5.5
5.2
3.1
lbs
2,5
2,4
1,4
kg
Overall Dimensions
12.20 x 6.00 x 1.75
10.40 x 5.06 x 1.86
7.95 x 5.06 x 1.86
in
L x W x H
309,9 x 152,4 x 44,5
264,1 x 128,5 x 47,3
201,9 x 128,5 x 47,3
mm
Performance Specifications
The following are typical performance specifications at room
ambient temperature, nominal line voltage (115/230Vac) and
75% load on all outputs, unless specified otherwise. For detail
specifications, consult the Design Guide for the LoPAC
configuration of interest. This is available from any sales office
(see Back Cover) or our web site (vicorpower.com).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com