Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOPAC Datasheet(PDF) 4 Page - Vicor Corporation

Part # LOPAC
Description  PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

LOPAC Datasheet(HTML) 4 Page - Vicor Corporation

  LOPAC Datasheet HTML 1Page - Vicor Corporation LOPAC Datasheet HTML 2Page - Vicor Corporation LOPAC Datasheet HTML 3Page - Vicor Corporation LOPAC Datasheet HTML 4Page - Vicor Corporation LOPAC Datasheet HTML 5Page - Vicor Corporation LOPAC Datasheet HTML 6Page - Vicor Corporation LOPAC Datasheet HTML 7Page - Vicor Corporation LOPAC Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 Westcor Division 408-522-5280
LoPAC Family
Rev. 1.2
Page 4 of 8
Set your site on VICOR at www.vicorpower.com
Mechanical Drawing, PFC Mini
L1
47 TO 500 Hz
300VDC ---
115-230 VAC 10A
EARTH GND
WITHOUT
OPERATE
DO NOT
INPUTS:
NOTE:
L2/N
LABEL NO: 94-00047 REV A
NOTE: SET SCREW MAX
TORQUE = 4.4 IN-LBS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com