Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOPAC Datasheet(PDF) 1 Page - Vicor Corporation

Part # LOPAC
Description  PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

LOPAC Datasheet(HTML) 1 Page - Vicor Corporation

  LOPAC Datasheet HTML 1Page - Vicor Corporation LOPAC Datasheet HTML 2Page - Vicor Corporation LOPAC Datasheet HTML 3Page - Vicor Corporation LOPAC Datasheet HTML 4Page - Vicor Corporation LOPAC Datasheet HTML 5Page - Vicor Corporation LOPAC Datasheet HTML 6Page - Vicor Corporation LOPAC Datasheet HTML 7Page - Vicor Corporation LOPAC Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 Westcor Division 408-522-5280
LoPAC Family
Rev. 1.2
Page 1 of 8
Set your site on VICOR at www.vicorpower.com
Family Features
• Near unity power factor
• EN61000-3-2 harmonic current compliance
• Low profile package
• Output power to 1,500W
• Up to 6 user specifiable outputs
• Universal AC input
• Power density up to 11W/in3
• Integral cooling fans
• New “Autosense” feature
• Safety agency approvals: UL, CUL,
TÜV, VDE, CE Marked
Overview
The PFC MicroS, PFC Micro and PFC Mini are
members of the new low profile, high-density
LoPAC series of power factor corrected AC-DC
power supplies. Available as a one, two or three
slot package, respectively, each LoPAC slot
can be configured with standard Vicor DC-DC
converter modules enabling up to six user
specifiable isolated outputs in a package only
1.75'' (44.5mm) high with a power density
of 11W/in3.
For maximum versatility and flexibility, the
LoPAC can be configured with Vicor 1st
Generation VI-26x (full brick), VI-J6x (half
brick) or 2nd Generation V375 Series full, half
and quarter brick modules. These modules
cover the entire range of outputs from 1 to
100Vdc and 25 to 600 Watts. We will factory
configure the optimum solution based on your
exact requirements.
All units comply with FCC Class A and certain
configurations meet FCC & EN55022 Class B
for conducted EMI. Harmonic current limits
per EN61000-3-2 and Surge Immunity per
IEC61000-4-5 Level 3, in addition to a wide
variety of safety agency approvals, further
enhance the LoPAC flexibility.
Data Sheet
LoPACTM Family
PFC Mini, PFC Micro, PFC MicroS
Power Factor Corrected, AC-DC Switchers
PFC Mini
12.20" x 6.00" x 1.75"
309,9 x 152,4 x 44,5 mm
Up to 1,500W
1 to 6 Outputs
PFC Micro
10.40" x 5.06" x 1.86"
264,1 x 128,5 x 47,3 mm
Up to 800W
1 to 6 Outputs
PFC MicroS
7.95" x 5.06" x 1.86"
201,9 x 128,5 x 47,3 mm
Up to 600W
1 to 3 Outputs


Similar Part No. - LOPAC

ManufacturerPart #DatasheetDescription
logo
Powerbox
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
More results

Similar Description - LOPAC

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Cooper Bussmann, Inc.
CTX01-15789 COOPER-CTX01-15789 Datasheet
231Kb / 3P
Power Factor Correction (PFC) Application Notes
logo
ULTRA LEVEL TECH CO., L...
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
AC-DC PFC SWITCHING POWER SUPPLY
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
CINCON ELECTRONICS Corp...
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
AC-DC POWER SUPPLY WITH PFC
logo
Bel Fuse Inc.
MPU200-1012G BEL-MPU200-1012G Datasheet
1Mb / 7P
Power Factor Correction (PFC)
logo
Applied Motion Products...
PS600A48 AMP-PS600A48 Datasheet
595Kb / 2P
AC/DC Power Supply ??PFC ??600W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com