Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOPAC Datasheet(PDF) 7 Page - Vicor Corporation

Part # LOPAC
Description  PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

LOPAC Datasheet(HTML) 7 Page - Vicor Corporation

  LOPAC Datasheet HTML 1Page - Vicor Corporation LOPAC Datasheet HTML 2Page - Vicor Corporation LOPAC Datasheet HTML 3Page - Vicor Corporation LOPAC Datasheet HTML 4Page - Vicor Corporation LOPAC Datasheet HTML 5Page - Vicor Corporation LOPAC Datasheet HTML 6Page - Vicor Corporation LOPAC Datasheet HTML 7Page - Vicor Corporation LOPAC Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 Westcor Division 408-522-5280
LoPAC Family
Rev. 1.2
Page 7 of 8
Set your site on VICOR at www.vicorpower.com
The following accessories are available for the LoPAC units:
Connector Kits
A complete set of mating hardware for all combinations of
input & output connections
PFC Mini
19-130047
PFC Micro & PFC MicroS
19-130044
Current Share Boards
Used for current sharing between identical LoPAC Models
for increased output power or redundancy
LoPACs with 1st Gen Modules
CSB01
LoPACs with 2nd Gen Modules
CSB02
2
3
4
5
6
7
8
11
12
13
14
15
16
17
1 10
9 18
1
+ V OUT M2
2
– V OUT M2
3
– V OUT M2
4
+ SENSE M2
5
– SENSE M2
6
TRIM M1
7
+ V OUT M1
8
+ V OUT M1
9
– V OUT M1
10
+ V OUT M2
11
+ V OUT M2
12
– V OUT M2
13
+ SENSE M1
14
TRIM M2
15
– SENSE M1
16
+ V OUT M1
17
– V OUT M1
18
– V OUT M1
MATING CONNECTOR:
18 PIN HOUSING: MOLEX (39-01-2180)
TERMINAL FEM CRIMP 18-24 AWG: MOLEX (39-00-0039)
USE CRIMP TOOL: MOLEX (11-01-0197)
PIN
DESCRIPTION
PIN
DESCRIPTION
10-32 OUTPUT STUDS
– REMOTE SENSE
3
SxJ2 REMOTE SENSE/TRIM
PIN CONNECTOR
1
2
TRIM
+ REMOTE SENSE
MATING CONNECTOR:
HOUSING: MOLEX (50-57-9403)
TERMINAL FEM CRIMP 24-30 AWG: MOLEX (16-02-0103)
USE CRIMP TOOL: MOLEX (11-01-0208)
B. DUAL OUTPUT SLOT FOR THE
PFC MICRO 18 Pin Housing (2 Minis)*
A. SINGLE OUTPUT SLOT (1 Maxi)
PFC Mini, PFC Micro and PFC MicroS
SxJ1 (18 PIN OUTPUT, REMOTE SENSE
AND TRIM PIN CONNECTOR)
*PFC MicroS dual output slot configuration uses the type A stud connection
for both outputs. 3-pin connector designators are S1J1 and S1J2.
–V OUT
+V OUT
2
3
4
5
6
7
8
10
11
12
13
14
15
16
1
9
MATING CONNECTOR:
16 PIN HOUSING: MOLEX (39-01-2160)
TERMINAL FEM CRIMP 18-24 AWG: MOLEX (39-00-0039)
USE CRIMP TOOL: MOLEX (11-01-0197)
9
+V OUT M3
10
–V OUT M3
11
N/C
12
+V OUT M2
13
–V OUT M2
14
TRIM M1
15
+V OUT M1
16
–V OUT M1
1
+V OUT M3
2
–V OUT M3
3
TRIM M3
4
+V OUT M2
5
–V OUT M2
6
TRIM M2
7
+V OUT M1
8
–V OUT M1
SxJ1 (16 PIN OUTPUT, REMOTE SENSE
AND TRIM PIN CONNECTOR)
PIN
DESCRIPTION
PIN
DESCRIPTION
C. TRIPLE OUTPUT SLOT (3 Micros)
PFC Micro and PFC MicroS
2
3
4
5
6
7
8
11
12
13
14
15
16
17
1 10
9 18
1
+ V OUT M1
2
– V OUT M1
3
– V OUT M1
4
+ SENSE M1
5
– SENSE M1
6
TRIM M2
7
+ V OUT M2
8
+ V OUT M2
9
– V OUT M2
10
+ V OUT M1
11
+ V OUT M1
12
– V OUT M1
13
+ SENSE M2
14
TRIM M1
15
– SENSE M2
16
+ V OUT M2
17
– V OUT M2
18
– V OUT M2
PIN
DESCRIPTION
PIN
DESCRIPTION
DUAL OUTPUT SLOT FOR THE
PFC MINI 18 Pin Housing
SxJ1 (18 PIN OUTPUT, REMOTE SENSE
AND TRIM PIN CONNECTOR)
Output Connections for the PFC Mini, PFC Micro and PFC MicroS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com