Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-74 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-74
Description  1.25 W Non-Isolated Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-74 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-74 Datasheet HTML 1Page - Power Integrations, Inc. DI-74 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RF1
8.2
Ω, 1 W
Fusible
D1
1N4007
D2
1N4007
D3
UF4005
1 A, 600 V
Ultrafast
12.5 V,
100 mA
D4
UF4005
VR1
BZX79C18
18 V, 500 mW
C1
4.7 uF
400 V
C2
4.7 uF
400 V
C5
1 uF, 50 V
low ESR
LED 1-20
25 mA per String
C3
0.1 uF
50 V
RF2
47
Ω, 0.5 W
Flame Proof
R1
2 k
Ω
1%
R2
300
Ω
1%
R3
20
Ω
0.5 W
1%
C4
47 uF
10 V
U1
LNK304P
85-265
VAC
PI-3846-062106
FB
BP
S
D
LinkSwitch-TN
L1
1.2 mH
220 mA
Application
LED Driver
LNK304P
12.5 V, 100 mA
Power Output
1.25 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Buck-Boost
Figure 1. Schematic of a 1.25 W, 12.5 V, 100 mA constant current LED Driver, Using a Non-Isolated Buck-Boost Topology.
Design Highlights
• Universal AC input range – single design worldwide
• Accurate and stable constant current output
• Small size and weight
• Low cost, low component count solution replaces passive
capacitor or resistor droppers
• Fail safe topology – protects load
• High efficiency (>60% at 85 VAC)
• Scalable output power using larger LinkSwitch-TN devices
• Meets EN55022 B EMI limits
Operation
Using the Buck-Boost topology, the circuit shown in Figure 1
generates a non-isolated constant current (CC) output for
driving LEDs. Typical uses include night-lights, neon sign
replacements, emergency exit signs or any application utilizing
LEDs for lighting.
The AC input is rectified and filtered by D1, D2, C1, C2, RF1,
and RF2. Two diodes improve both line surge withstand (2 kV)
andconductedEMI. ResistorRF1shouldbeafusibleflameproof
type, whereas RF2 can be flameproof only.
www.powerint.com
DI-74
LinkSwitch-TN
uses ON/OFF control to regulate the output
current. When the current into the FEEDBACK (FB) pin
exceeds 49 µA, MOSFET switching is disabled for the
next switching cycle. The 49 µA threshold is specified at
a pin voltage of 1.65 V (±7%), allowing it to be used as a
reference.
The voltage developed across R3, which is averaged by C4,
represents the output current. When this voltage exceeds
2 V, the voltage on the FB pin, via divider of R1 and R2,
exceeds 1.65 V and >49 µA current is fed into the pin. The
2 V across R3 sets an output current of 100 mA, or 25 mA
for each string of LEDs. If the load is disconnected or the
outputisshorted,nofeedbackisprovidedandLinkSwitch-TN
enters auto-restart (5% on time). To prevent a high output
voltage under no load the optional voltage feedback circuit
can be included by adding VR1 and D4. The voltage of VR1
is selected to be above the normal output voltage.
Select the value of L1 following AN-37, LinkSwitch-TN
Design Guide or using the PIXls design spreadsheet. Enter
the output voltage as the voltage of the LED string and the
output current as the total combined LED current.
Design Idea DI-74
LinkSwitch-TN 1.25 W Non-Isolated
Constant Current LED Driver
June 2006
®


Similar Part No. - DI-74

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-70 POWERINT-DI-70 Datasheet
348Kb / 2P
PoE Detection and Classification (Class 0) Interface Circuit
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
3.1 W Low Parts Count Power Supply
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
More results

Similar Description - DI-74

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-92 POWERINT-DI-92 Datasheet
539Kb / 2P
0.5 W Non-Isolated Constant Current LED Driver
logo
Unisonic Technologies
UL82A UTC-UL82A Datasheet
400Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98B UTC-UL98B Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98C UTC-UL98C Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82B UTC-UL82B Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL96A UTC-UL96A Datasheet
193Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
logo
Maxic Technology Corpor...
MT9710 MAXIC-MT9710 Datasheet
80Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712D MAXIC-MT9712D Datasheet
73Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9713D MAXIC-MT9713D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
logo
CHIPLINK SEMICONDUCTOR
CL1501 CHIPLINK-CL1501 Datasheet
371Kb / 9P
Non-isolated step-down LED constant current driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com