Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-76 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-76
Description  3.1 W Low Parts Count Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-76 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-76 Datasheet HTML 1Page - Power Integrations, Inc. DI-76 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-76
A
7/04
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations. PI Expert and DPA-Switch
are trademarks of Power Integrations.
Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit
described herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATIONS, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com.
For the latest updates, visit
www.powerint.com
Table 1. Transformer Design Parameters.
Figure 3. Efficiency vs. Output Current Curves.
Figure 2. Output Regulation vs. Load Current Curves.
TRANSFORMER PARAMETERS
Core Material
TDK PC40 EE13,
A
LG = 199 nH/T
2
Bobbin
EE13 Horizontal 8-pin
Winding Details
Shield 1: 55 T, #38 AWG,
1 Layer
Primary-1: 69 T, #34 AWG,
2 Layers
Primary-2: 43 T, #35 AWG,
1 Layer
Secondary: 30 T, #30 T.I.W.,
2 Layers
Winding Order
(pin numbers)
Shield 1: (3-Float), Primary-1
(1-4), Primary-2 (4-3),
Secondary (6-5)
Primary
Inductance
2484 µH ±10%
Primary Resonant
Frequency
500 kHz (minimum)
Leakage
Inductance
70 µH (maximum)
Key Design Points
• The value of C3 (1 µF) allows time for the output voltage
to develop at startup.
• A larger R3 value will provide flatter voltage regulation if
a higher no-load voltage can be tolerated.
• A lower R2 value will reduce the output voltage while
proportionally increasing the maximum output current.
20
16
18
12
14
Load (mA)
0
2
4
6
8
10
200
100
0
300
400
MIN
MAX
105 VDC
150 VDC
315 VDC
370 VDC
70
80
Load (mA)
40
50
60
150
100
50
0
300
250
200
105 VDC
150 VDC
315 VDC
370 VDC
• Output diode D4 needs a sufficient peak inverse voltage
(PIV) rating for high line withstand, requiring an ultra-
fast 200 V type (UF4003). For lower output voltages
(PIV <100 V), Schottky diodes work well and enable
improved efficiency.
• The LinkSwitch PIXls spreadsheet tool included in
PI Expert
™ Design Software can be used to redesign the
transformer for different output voltages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com