Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-76 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-76
Description  3.1 W Low Parts Count Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-76 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-76 Datasheet HTML 1Page - Power Integrations, Inc. DI-76 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-76
LinkSwitch
3.1 W Low Parts Count Power Supply
Design Highlights
• Replaces a linear transformer based power supply at the
same or lower cost, but with much better performance
• High Efficiency: >75% at >100 mA of load current
• Primary side regulated: requires no optocoupler
• <300 mW no-load power consumption at 375 VDC
• Very low parts count: only 9 components!
• 12 V output: ideal for driving motors, relays, or SCRs
Operation
The very low parts count LinkSwitch flyback circuit shown
below can be used as a general-purpose power supply or
linear adapter replacement.
The design provides regulated output voltage during normal
loads as well as a soft output-current limit during overload
conditions(suchasastalledmotorordefectiverelay).Adding
to this, the other LinkSwitch self-protection features of auto-
restart(forhardshortcircuits)andthermalshutdowneffectively
produce a very rugged design.
LinkSwitch
derives all feedback information from the primary
side, thus no optocoupler is required. During output diode
(D4) conduction, the output voltage is reflected through the
transformer turns ratio, providing a primary feedback voltage
(V
OR), which is rectified by diode D3 and held by capacitor C4.
Resistor R3 limits the effects of transformer leakage on the
feedback voltage. Resistor R2 feeds the V
OR signal as a current
to the CONTROL pin of the LinkSwitch, controlling duty cycle
(and primary current limit during overload conditions). When
there is little or no feedback signal (such as a short circuit) the
LinkSwitch
goes into auto-restart, limiting output current to
approximately 40 mA.
Capacitor C3 provides device decoupling. The extra winding
on pin 3 of T1 is a shield that reduces EMI.
www.powerint.com
Figure 1. DC-Input, Isolated LinkSwitch 3.12 W Flyback Converter.
DI-76
®
July 2004
Application
Device
Power Output
Input Voltage
Output Voltage Topology
Appliance/Industrial Control
LNK520P
3.1 W
100-375 VDC
12 V
Flyback
LinkSwitch
T1
1
5
6
3
+
+
D
S
C
PI-3883-070604
*C2
100 nF
400 V
R2
17.8 k
Ω
U1
LNK520
D3
1N4937
R3
150
Ω
C3
1
µF
10 V
C4
0.1
µF
100 V
FILM
30T
30 AWG
T.I.W.
69T
34 AWG
43T
35 AWG
55T
38 AWG
C5
220
µF
25 V
D4
UF4003
1 A
200 V
EE13
Lp = 2.484 mH
*Optional
Component
RTN
12 V, 260 mA
DC IN
100-375
VDC
4


Similar Part No. - DI-76

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-70 POWERINT-DI-70 Datasheet
348Kb / 2P
PoE Detection and Classification (Class 0) Interface Circuit
DI-74 POWERINT-DI-74 Datasheet
279Kb / 2P
1.25 W Non-Isolated Constant Current LED Driver
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
More results

Similar Description - DI-76

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7124 PANASONIC-AN7124 Datasheet
53Kb / 5P
Dual 3.1 W Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Fairchild Semiconductor
AN-42041 FAIRCHILD-AN-42041 Datasheet
213Kb / 5P
5th-Order S-Video Filter/Driver Reduces NTSC/PAL System Parts Count
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
3.1-W Mono Fully Differential Audio Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2506 AVAGO-ALM-2506 Datasheet
128Kb / 9P
Low component count
logo
STMicroelectronics
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
Low component count
29-Jun-2012
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
3.1-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com