Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-89 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-89
Description  Low Cost 2 W CV Power Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-89 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-89 Datasheet HTML 1Page - Power Integrations, Inc. DI-89 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-89
A
11/05
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer construction and
circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to
Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license
under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, Clampless, E-Shield, Filterfuse,
PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective companies.
©Copyright 2005, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Key Design Points
• The PI Xls spreadsheet calculates all of the parameters
required to specify and build transformer T1.
• Thepowertransformermusthaveatwolayerprimarywinding
to ensure that its intra-winding capacitance is sufficient for
Clampless
operation.
• The reflected output voltage (V
OR) of this design was kept
< 90 V (74 V) for Clampless operation.
• Since this supply has a Clampless drain node, it must be
verified that the maximum drain voltage does not exceed
650 V when the flyback voltage spike occurs.
• The primary current ripple-to-peak ratio (K
P) factor should
be > 1 (ensures discontinuous conduction mode operation)
to minimize conducted EMI.
• The maximum operating flux density (B
M) was kept
< 1500 Gauss to eliminate audible.
Figure 3. Harmonized (EPA, CEC) Active-Mode Efficiency vs.
Output Power (25, 50, 75 & 100%).
Figure 2. No-load Input Power Consumption vs. Input Voltage.
0
50
150
100
250
200
300
Input Voltage (VAC)
0.12
0.1
0.08
0.06
0.04
0.02
0
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
Figure 4. Conducted EMI Scan to EN55022B Limits: Full-Load,
115 VAC, 60 Hz Input, with Artificial Hand.
0
0.5
1
2
1.5
2.5
Output Power (W)
68
66
64
62
60
58
56
54
85 VAC
115 VAC
230 VAC
265 VAC
EPA Std



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com