Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-89 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-89
Description  Low Cost 2 W CV Power Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-89 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-89 Datasheet HTML 1Page - Power Integrations, Inc. DI-89 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-89
LinkSwitch-XT Low Cost 2 W
CV Power Adapter
Design Highlights
• Low-cost, low parts-count CV solution: 20 components
• Proprietary IC design and winding techniques enable a
Clampless
™ drain-node
• ± 5% over-temperature threshold – with hysteretic
recovery – keeps PCB temperatures below safety limits
• Auto-restart: output short circuit and open loop protection
• IC creepage > 3.2 mm: no arcing in humid environments
• Easily meets all EPS energy efficiency standards
• Meets CISPR-22 Class B EMI with sufficient margin
Operation
ThisLinkSwitch-XTbasedflybackconverter(Figure1)provides
2 W of tightly regulated constant voltage (CV) output power,
while meeting the active-mode efficiency and no-load power
consumption requirements of all harmonized energy efficiency
(EPA, CEC) standards (see Figure 2 and Figure 3).
Diodes D1– D4 rectify theAC input. The resulting DC is filtered
by bulk storage capacitors C1 and C2. Components L1, L2, C1
and C2 form a conducted EMI noise filter. Resistor R1 dampens
the ringing of the filter. Switching frequency jitter and
PIʼs E-Shield transformer construction technology enable
this design to meet EN55022 Class-B conducted EMI with
good margin (see Figure 4). Y capacitor C4 (optional) can
improve the unit-to-unit repeatability of EMI scans.
ThissupplyalsotakesadvantageofPIʼsClamplesstransformer
techniques, which uses T1ʼs primary winding capacitance to
clamp the voltage spike that its leakage inductance causes,
each time the MOSFET in U1 turns off. Therefore, this
converter has no primary clamp components connected to
the drain-node.
Fromno-loaduntilmaximumoutputpower(2W)isdelivered,
the LNK362P (U1) regulates the output voltage by skipping
switching cycles, based on the current delivered into the
feedback(FB)pin. Iftheoutputisoverloadedandnofeedback
(<49µA)isreceivedwithina40msperiod,U1goesintoauto-
restart mode. In auto-restart, MOSFET switching is enabled
for about 40 ms approximately every 800 ms if no feedback
is received within the 40 ms window of enabled switching.
www.powerint.com
Figure 1. LNK362 Based 6.2 V, 322 mA, 2 W, Low-cost, Flyback CV Output Power Adapter.
DI-89
®
November 2005
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
Adapter
LNK362P
2 W
85-265 VAC
6.2 V
Flyback
PI-4205-110805
D
S
FB
BP
D1
1N4005
D2
1N4005
D5
1N4934
D3
1N4005
D4
1N4005
RF1
8.2 k
2.5 W
R1
3.9 k
1/8 W
R3
390
Ω
1/8 W
R2
1 k
1/8 W
6.2 V,
322 mA
85-265
VRMS
J3-1
J3-2
J2
J1
L1
1 mH
L2
1 mH
C1
3.3
µF
400 V
C2
3.3
µF
400 V
C4*
100 pF
250 VAC
C5
330
µF
16 V
VR1
BZX79-
B5V1
5.1 V, 2%
*Optional component
T1
EE16
4
5
3
9
8
NC NC
C3
100 nF
50 V
U2
PC817A
U1
LNK362P
LinkSwitch-XT


Similar Part No. - DI-89

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-80 POWERINT-DI-80 Datasheet
300Kb / 2P
0.6 W Non-Isolated Utility Meter Power Supply
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-85 POWERINT-DI-85 Datasheet
554Kb / 2P
2 W Charger: Replaces Unregulated Linear Solutions
DI-88 POWERINT-DI-88 Datasheet
301Kb / 2P
PoE Detection and Classification (Class 0-3) Interface Circuit
logo
List of Unclassifed Man...
DI-8884A ETC2-DI-8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
More results

Similar Description - DI-89

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
EPR-89 POWERINT-EPR-89 Datasheet
1Mb / 32P
Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
logo
Transcom, Inc.
TC2676 TRANSCOM-TC2676 Datasheet
186Kb / 3P
2 W Low-Cost Packaged PHEMT GaAs Power FETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com