Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-101 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-101
Description  Under-Voltage with Wide Hysteresis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-101 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-101 Datasheet HTML 1Page - Power Integrations, Inc. DI-101 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-101
DPA-Switch Under-Voltage with
Wide Hysteresis
Design Highlights
• High hysteresis under-voltage lockout for Power over
Ethernet (PoE) Powered Devices (PDs)
• Turn-on threshold of 42 VDC and turn-off threshold of
34 VDC
• CompliancetoPoEstandard(IEEE802.3af)overcomplete
voltagewindowensurescompatibilitywithPSEequipment.
Tested by University of New Hampshire Interoperability
Consortium (UNH-IOC)*
Wide Hysteresis Under-Voltage
Thedefaultunder-voltagelockoutandovervoltageshutdown
thresholds of the DPA-Switch are programmed with a single
resistor (R
LS) connected from the positive input voltage
to the L-pin. The default overvoltage and under-voltage
thresholds have a fixed ratio (ratio approximately 2.7:1).
In a PoE system, the Power Sourcing Equipment (PSE)
provides a minimum operating voltage of 44 VDC.
However, the PoE specification allows CAT-5 (Ethernet)
cable lengths up to 100 meters/ 300 ft (with up to
20 Ω of cable impedance). At peak operating current
(350 mA), the voltage at the PD can drop to approximately
37 VDC (350 mA × 20 Ω). A minimum of 7 VDC under-
voltage hysteresis is required to accommodate the cable drop
voltage and prevent nuisance lockouts from occurring.
Operation
This circuit takes advantage of accurate DPA-Switch L-pin
current sensing as the basis for a new composite threshold,
programmed for 42 VDC turn-on and 34 VDC turn-off.
The DPA-Switch detects the input voltage via current in the
L-pin resistor R
LS. Above an UV-on threshold (50 µA), the
DPA-Switch
begins switching and below an UV-off threshold
(47 µA), the DPA-Switch is disabled. Transistor Q1 is turned
on via bias resistor R2, causing a voltage drop across R3 and
subtracting a fixed current of approximately 10 µA(moving the
effective threshold to 60 µA) from the L-pin. When the power
supply becomes operational, the bias voltage pulls up via R1,
turning off Q1, cutting off the R3 current and returning to the
default UV-off threshold (47 µA).
www.powerint.com
Figure 1. DPA-Switch with Wide Hysteresis UVLO.
DI-101
®
November 2005
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
PoE/VoIP
DPA423G
-
34-57 VDC
-
-
Figure 2. L-Pin Current without/with Wide UVLO Circuit.
25
50
75
100
125
150
IL
0
ON
OFF
PI-4068-111005
IUV(ON)
IOV(OFF)
L Pin Current (
µA)
131
µA
135
µA
47
µA
10
µA
60
µA
25
50
75
100
125
150
IL
0
ON
OFF
RLS Only
RLS with
Q1 Circuit
PI-4064-111005
DC Input
Voltage
+
-
D
S
C
CONTROL
L
RLS
649 k
Ω
1%
+
-
R1
10 k
Ω
R2
10 k
Ω
R3
174 k
Ω
1%
Bias
Voltage
DPA-Switch
Q1
MMST3906
*UNH-IOC test reports are available on the PI website www.powerint.com/poe


Similar Part No. - DI-101

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-102 POWERINT-DI-102 Datasheet
242Kb / 2P
Lowered Overvoltage for Power over Ethernet (PoE)
More results

Similar Description - DI-101

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
Voltage Monitor with Adjustable Hysteresis Preliminary Information
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Texas Instruments
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
Voltage Monitor with Adjustable Hysteresis
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
Voltage Monitor with Adjustable Hysteresis
logo
PIC GmbH
PMC-2003 PIC-PMC-2003 Datasheet
23Kb / 1P
Wide Hysteresis Reed Switch
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
Dual Voltage Detector with Adjustable Hysteresis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
Under-Voltage Detection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com