Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-101 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-101
Description  Under-Voltage with Wide Hysteresis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-101 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-101 Datasheet HTML 1Page - Power Integrations, Inc. DI-101 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-101
B
11/05
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer construction and
circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to
Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license
under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, Clampless, E-Shield, Filterfuse,
PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective companies.
©Copyright 2005, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Design Formulae
Component values can be calculated according to the following
formulae and parameters:
Design parameters were selected as follows:
V
UV_ON = 42 VDC
Input under-voltage on-threshold
V
UV_OFF = 34 VDC
Default under-voltage off-
threshold
V
DIN = 1.4 VDC
Diode drop for PoE reverse
protection input diodes
R1 = 10 kΩ
This value is assumed
From the DPA-Switch data sheet we have the following:
I
UV_ON = 50 µA
L-pin current for UV turn on
I
UV_OFF = 47 µA
L-pin current for UV turn off
V
L = 2.35 VDC
L-pin voltage at I
L = IUV_ON
V
C = 5.8 VDC
Control-pin voltage
We can assume:
V
Q1(BE) = 0.6 VDC
Transistor base-emitter voltage
V
Q1(BE)REV < 4 VDC
80% of the max reverse base-
emitter voltage
β = 100
Transistor minimum current gain
Bias Voltage (V
BIAS) = 8 VDC
Resistor values R
LS, R2 and R3 are calculated as follows:
Key Design Points
• Use a 1% resistor for R
LS to maintain the highest accuracy
for the turn-on/turn-off thresholds.
• The over-voltage threshold is fixed at I
OV_OFF = 135 µA,
and can be calculated according to the formula above
(V
OV_OFF).
• The bias voltage (V
BIAS) is divided by R2 and R1. The
reverse base emitter voltage V
Q1(BE)REV is the divided
bias voltage minus V
L. Make sure VQ1(BE)REV stays below
5 V (the transistor rating).
• For PoE applications, make sure to include voltage drops
ofinputdiodes(V
DIN) and pass-FET drop when calculating
R
LS. For non-PoE applications, assume VDIN = 0.
• Note: Due to the L-pin synchronization function (with a
1 V threshold), resistor R2 should be sufficiently large to
prevent Q1 turn-on below L-pin voltage 1 V.
R
I
V
V
V
_
_
LS
UV OFF
UV OFF
L
DIN
=
-
-
R
V
V
V
R
V
V
(
)
(
)
BIAS
L
Q BE REV
Q BE REV
L
2
1
1
1
$
1
-
-
+
^
h
For design verification:
V
I
R
V
V
R
V
V
_
_
(
)
UV ON
UV ON
L
Q BE
LS
L
DIN
3
1
$
=
+
-
+
+
c
m
V
I
R
V
V
_
_
UV OFF
UV OFF
LS
L
DIN
$
=
+
+
V
I
R
V
V
_
_
OV OFF
OV OFF
LS
DIN
L
$
=
+
+
R
V
I
R
V
V
V
V
R
_
_
(
)
UV ON
UV ON
LS
L
DIN
L
Q BE
LS
3
1
$
$
=
-
-
-
-
^
h
V
R
R
V
R
V
(
)
Q BE REV
BIAS
L
1
1
2
2
$
=
+
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com