Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5162BCPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5162BCPZN-R7
Description  High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5162BCPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5162BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5162BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADRF5162
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 11
VDD = 3.3 V, VSS = -3.3 V, VCTRL = 0 V or VDD V, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 1. Electrical Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
400
8,000
MHz
INSERTION LOSS
Between RFC and RF1/RF2 (ON)
400 MHz to 4 GHz
0.6
dB
4 GHz to 6 GHz
0.7
dB
6 GHz to 8 GHz
0.8
dB
RETURN LOSS
RFC and RF1/RF2 (ON)
400 MHz to 4 GHz
25
dB
4 GHz to 6 GHz
20
dB
6 GHz to 8 GHz
20
dB
ISOLATION
Between RFC and RF1/RF2 (OFF)
400 MHz to 4 GHz
45
dB
4 GHz to 6 GHz
35
dB
6 GHz to 8 GHz
30
dB
Between RF1 and RF2
400 MHz to 4 GHz
40
dB
4 GHz to 6 GHz
35
dB
6 GHz to 8 GHz
30
dB
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
200
ns
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
800
ns
RF Settling Time
0.1 dB RF Settling Time
50% VCTRL to 0.1 dB of final RF output, PIN ≤ 43
dBm
1.2
μs
INPUT LINEARITY
f = 1 GHz to 5 GHz
0.1 dB Power Compression
P0.1dB
50
dBm
Input Third-Order Intercept
IIP3
Two tone input power = 30 dBm each tone, Δf = 1
MHz
>76
dBm
SUPPLY CURRENT
VDD, VSS pins
Positive Supply Current
IDD
130
µA
Negative Supply Current
ISS
500
µA
DIGITAL CONTROL INPUTS
CTRL pin
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low and High
IINL, IINH
<0.1
µA
RECOMMENDED OPERATING CONDITONS
Positive Supply Voltage
VDD
3.15
3.45
V
Negative Supply Voltage
VSS
−3.45
−3.15
V
Digital Control Input Voltage
VCTRL
0
VDD
V
RF Input Power Wait Time1
tWait
PIN ≤ 43 dBm
0
µs
43 dBm < PIN ≤ 45 dBm
1.0
µs
45 dBm < PIN ≤ 46 dBm
1.5
µs
46 dBm < PIN ≤ 47 dBm
2.0
µs
47 dBm < PIN ≤ 48 dBm
3.0
µs
48 dBm < PIN ≤ 48.5 dBm
4.0
µs
RF Input Power2
PIN
f = 1 GHz to 5 GHz, TCASE = 85°C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com